Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 18Page - fujitsu semiconductor MB3882 Datasheet HTML 19Page - fujitsu semiconductor MB3882 Datasheet HTML 20Page - fujitsu semiconductor MB3882 Datasheet HTML 21Page - fujitsu semiconductor MB3882 Datasheet HTML 22Page - fujitsu semiconductor MB3882 Datasheet HTML 23Page - fujitsu semiconductor MB3882 Datasheet HTML 24Page - fujitsu semiconductor MB3882 Datasheet HTML 25Page - fujitsu semiconductor MB3882 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MB3882
22
s
s
s
s PRECAUTIONS RELATED TO INTERNAL IC POWER CONSUMPTION
The internal power dissipation in the IC is greatly affected by the oscillator frequency and the FET total gate
charge. When using the MB 3882 in an application, caution must be taken in relation to internal IC power
consumption.
As shown below, IB (average current) can be determined from the total gate charge Qg1, Qg2, charged from the
gate capacitance (Ciss1, Ciss2, Crss1, Crss2) of the external FET Q1, Q2, by the following formula.
Per individual channel :
Because IC current consumption other than IB is 11 mA, power consumption can be determined from the following
formula.
Power consumption : Pc
Pc (W)
= 0.011 × VCC + 2 × VCC × IB − VB × IB
IB (A)
= I1 + I2
:= Ibias1
×
T1
T
+
Qg1
T
+ Ibias2 ×
T2
T
+
Qg2
T
(Ibias1
= Ibias2 := 2 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com