Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 9Page - fujitsu semiconductor MB3882 Datasheet HTML 10Page - fujitsu semiconductor MB3882 Datasheet HTML 11Page - fujitsu semiconductor MB3882 Datasheet HTML 12Page - fujitsu semiconductor MB3882 Datasheet HTML 13Page - fujitsu semiconductor MB3882 Datasheet HTML 14Page - fujitsu semiconductor MB3882 Datasheet HTML 15Page - fujitsu semiconductor MB3882 Datasheet HTML 16Page - fujitsu semiconductor MB3882 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MB3882
13
s
s
s
s FUNCTION DESCRIPTION
1.
DC/DC Converter Function
(1) Reference Voltage Block
The reference voltage circuit takes the voltage feed from the power supply terminal (pin 23) and generates a
temperature compensated reference voltage (2.5 V typ.) , for use as the reference voltage for the power supply
control unit.
Also, an external load current can be obtained from the power supply at the VREF terminal (pin 24) , up to a
maximum of 1 mA.
(2) Triangular Wave Oscillator Block
A triangular waveform with amplitude 1.3 V to 1.9 V can be generated by connecting a timing capacitor and
resistor to the CT terminal (pin 1) and RT terminal (pin 2) , respectively.
The triangular oscillator waveform can be input to the IC’s internal PWM comparator, as well as supplied externally
from the CT terminal.
(3) Error Amp Block (Error Amp.)
The error Amp. is an amplifier that detects the output voltage from the DC/DC converter and outputs a PWM
control signal. The error Amp. has a broad in-phase input voltage range of 0 to Vcc
−1.8 V that can be easily set
by the external power supply.
In addition, an arbitrary loop gain can be set up by connecting a feedback resistor and capacitor between the
error Amp. output terminal and inverter input terminal, providing stable phase compensation to the system.
Also, power-on rush current can be prevented by connecting a soft start capacitor between the error Amp. non-
inverted input terminals CS1 terminal (pin 4) and CS2 terminal (pin 21) . The soft start function operates with a
stable soft start time that is not dependent on the output load of the DC/DC converter.
(4) PWM Comparator Block (PWM Comp.)
This is a voltage - pulse width modulator that controls the output duty according to the input voltage.
(5) Output Block
The output block has totem pole configuration on both the main side and synchronous rectifier side, and can
drive an external N-ch MOSFET.
Also, the high output drive capability (700 mA max : duty
≤ 5%) provides high gate-source capacitor, enabling
the use of low on-resistor FET devices.
Main side :
Turns the output transistor on in the intervals in which the error Amp. output
voltage is higher than the triangular wave voltage.
Synchronous rectifier side : Turns the output transistor on in the intervals in which the triangular wave volt-
age the is lower than error Amp. voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com