Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB3882 Datasheet HTML 1Page - fujitsu semiconductor MB3882 Datasheet HTML 2Page - fujitsu semiconductor MB3882 Datasheet HTML 3Page - fujitsu semiconductor MB3882 Datasheet HTML 4Page - fujitsu semiconductor MB3882 Datasheet HTML 5Page - fujitsu semiconductor MB3882 Datasheet HTML 6Page - fujitsu semiconductor MB3882 Datasheet HTML 7Page - fujitsu semiconductor MB3882 Datasheet HTML 8Page - fujitsu semiconductor MB3882 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MB3882
4
s
s
s
s BLOCK DIAGRAM
−
+
+
−
+
−
+
−
+
6
23
13
10
8
9
11
5
4
7
FB1
CS1
−INE1
+INC1
10
µA
Error Amp.1
OVP Comp.1
PWM Comp.2-1
PWM Comp.1-1
Drive1-1
Drive2-1
1.25 V
1.47 V
VCC
R
SQ
Latch1
< CH1 >
5 V Reg.
VCC
VB
CB1
OUT1-1
OUT2-1
VS1
−
+
+
−
+
−
−
+
−
+
−
+
19
15
17
16
14
12
1
2
20
21
18
FB2
CS2
−INE2
+INC2
10
µA
Error Amp.2
SCP Comp.
OVP Comp.2
PWM Comp.2-2
PWM Comp.1-2
Drive1-2
Drive2-2
1.25 V
1.47 V
2.1 V
VCC
R
SQ
Latch1
< CH2 >
CB2
OUT1-2
OUT2-2
PGND
VS2
22
CSCP
1
µA
bias
SR
Latch
UVLO
OSC
Power
Ref
(2.5 V)
24
3
CT
RT
VREF
SGND
bias
VCC
1.9 V
1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com