Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB3882 Datasheet HTML 1Page - fujitsu semiconductor MB3882 Datasheet HTML 2Page - fujitsu semiconductor MB3882 Datasheet HTML 3Page - fujitsu semiconductor MB3882 Datasheet HTML 4Page - fujitsu semiconductor MB3882 Datasheet HTML 5Page - fujitsu semiconductor MB3882 Datasheet HTML 6Page - fujitsu semiconductor MB3882 Datasheet HTML 7Page - fujitsu semiconductor MB3882 Datasheet HTML 8Page - fujitsu semiconductor MB3882 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DS04-27226-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Power Management Applications
2-channel DC/DC Converter IC
with Synchronous Rectifier
MB3882
s
s
s
s DESCRIPTION
The MB3882 is a 2-channel DC/DC converter IC using pulse width modulation (PWM) and synchronous rectifi-
cation, designed for down conversion applications.
This device is a power supply with high output drive capacity. Synchronous rectification also provides for high
efficiency.
In addition, a 5 V regulator is built in to reduce the number of system components. The result is an ideal built-in
power supply for driving products with high speed CPU’s such as home TV game devices and notebook PC’s.
s
s
s
s FEATURES
• Synchronous rectification for high efficiency
• Supply voltage range : 5.5 V to 18 V
• High-precision reference voltage : 2.5 V
± 1%
• Error Amp. threshold voltage : 1.25 V
± 1% (0 °C to 85 °C)
• Oscillator frequency range : 10 kHz to 500 kHz
• Built-in soft start circuit with error Amp. input control
• Totem pole type output for N-ch MOSFET
s
s
s
s PACKAGE
24-pin Plastic SSOP
(FPT-24P-M03)


Similar Part No. - MB3882

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
473Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Similar Description - MB3882

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectifier
MB3885 FUJITSU-MB3885 Datasheet
239Kb / 29P
1-channel DC/DC Converter IC with Synchronous Rectifier
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
5-Channel DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
1ch DC/DC Converter IC built in synchronous rectifier
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com