Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current (A)
Duty Cycle 1%
Duty Cycle 5%
Duty Cycle 10%
Duty Cycle 15%
Duty Cycle 20%
Duty Cycle 25%
C023
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
RMS noise is calculated in 20Hz B/W & NFB is calculated using 6.6 K RMS noise.
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current (A)
Duty Cycle 1%
Duty Cycle 5%
Duty Cycle 10%
Duty Cycle 15%
Duty Cycle 20%
Duty Cycle 25%
C024
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low pleth currents (0.125uA, 0.25uA & 0.5uA.)
RMS noise is calculated in 20Hz B/W & NFB is calculated using 6.6 K RMS noise.
10
11
12
13
14
15
0
10
20
30
40
50
Pleth Current (A)
Duty Cycle = 1%
Duty Cycle = 5%
Duty Cycle = 10%
Duty Cycle = 15%
Duty Cycle = 20%
Duty Cycle = 25%
C021
For each setting RF adjusted for Full-
Scale Output.
Amb Cancellation & stage 2 Gain = 4
used for Low Pleth currents (0.125uA,
0.25uA & 0.5uA).
RMS noise is calculated in 5Hz B/W &
NFB is calculated using 6.6 K RMS noise.
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current (A)
Duty cycle 1%
Duty cycle 5%
Duty cycle 10%
Duty cycle 15%
Duty cycle 20%
Duty cycle 25%
C022
For each setting RF adjusted for Full-Scale
Output.
Amb Cancellation & stage 2 Gain = 4 used
for Low Pleth currents (0.125uA, 0.25uA &
0.5uA).
RMS noise is calculated in 5Hz B/W & NFB
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current (A)
Duty Cycle 1%
Duty Cycle 5%
Duty Cycle 10%
Duty Cycle 15%
Duty Cycle 20%
Duty Cycle 25%
C019
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
RMS noise is calculated in 5Hz B/W & NFB is calculated using 6.6 K RMS noise.
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current (A)
Duty Cycle = 1%
Duty Cycle = 5%
Duty Cycle = 10%
Duty Cycle = 15%
Duty Cycle = 20%
Duty Cycle = 25%
C020
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
RMS noise is calculated in 5Hz B/W & NFB is calculated using 6.6 K RMS noise.
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
Typical Characteristics (continued)
At TA = 25°C, RX_ANA_SUP = RX_DIG_SUP = 3.0 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, and fCLK = 8 MHz, unless
otherwise noted.
Figure 23. Noise-Free Bits vs
Figure 24. Noise-Free Bits vs
PLETH Current (BW = 5 Hz, PRF = 600 Hz)
PLETH Current (BW = 5 Hz, PRF = 1200 Hz)
Figure 25. Noise-Free Bits vs
Figure 26. Noise-Free Bits vs
PLETH Current (BW = 5 Hz, PRF = 2500 Hz)
PLETH Current (BW = 5 Hz, PRF = 5000 Hz)
Figure 27. Noise-Free Bits vs
Figure 28. Noise-Free Bits vs
PLETH Current (BW = 20 Hz, PRF = 100 Hz)
PLETH Current (BW = 20 Hz, PRF = 300 Hz)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com