Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments AFE4490 Datasheet HTML 61Page - Texas Instruments AFE4490 Datasheet HTML 62Page - Texas Instruments AFE4490 Datasheet HTML 63Page - Texas Instruments AFE4490 Datasheet HTML 64Page - Texas Instruments AFE4490 Datasheet HTML 65Page - Texas Instruments AFE4490 Datasheet HTML 66Page - Texas Instruments AFE4490 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
Figure 96. LED2CONVEND: LED2 Convert End Count Register (Address = 0Eh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
LED2CONVEND[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
LED2CONVEND[15:0]
This register sets the end timing value for the LED2 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
LED2CONVEND[15:0]: LED2 convert end count
The contents of this register can be used to position the end of the LED2 conversion signal
with respect to the PRP, as specified in the PRPCOUNT register. The count is specified as
the number of 4-MHz clock cycles. Refer to the Using the Timer Module section for details.
Figure 97. ALED2CONVST: LED2 Ambient Convert Start Count Register
(Address = 0Fh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
ALED2CONVST[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
ALED2CONVST[15:0]
This register sets the start timing value for the ambient LED2 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ALED2CONVST[15:0]: LED2 ambient convert start count
The contents of this register can be used to position the start of the LED2 ambient
conversion signal with respect to the PRP, as specified in the PRPCOUNT register. The
count is specified as the number of 4-MHz clock cycles. Refer to the Using the Timer
Module section for details.
Figure 98. ALED2CONVEND: LED2 Ambient Convert End Count Register
(Address = 10h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
ALED2CONVEND[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
ALED2CONVEND[15:0]
This register sets the end timing value for the ambient LED2 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ALED2CONVEND[15:0]: LED2 ambient convert end count
The contents of this register can be used to position the end of the LED2 ambient
conversion signal with respect to the PRP. The count is specified as the number of 4-MHz
clock cycles. Refer to the Using the Timer Module section for details.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com