Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments AFE4490 Datasheet HTML 14Page - Texas Instruments AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
AFE4490
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to 85°C. Typical specifications are at 25°C.
All specifications are at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, stage 2 amplifier
disabled, and fCLK = 8 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIAGNOSTICS
EN_SLOW_DIAG = 0
Start of diagnostics after the DIAG_EN register
bit is set.
8
ms
End of diagnostic indicated by DIAG_END going
high.
Duration of diagnostics state machine
EN_SLOW_DIAG = 1
Start of diagnostics after the DIAG_EN register
bit is set.
16
ms
End of diagnostic indicated by DIAG_END going
high.
Open fault resistance
> 100
k
Ω
Short fault resistance
< 10
k
Ω
Diagnostics current
During diagnostics mode
< 100
µA
INTERNAL OSCILLATOR
With an 8-MHz crystal connected to the XIN and
fCLKOUT
CLKOUT frequency
4
MHz
XOUT pins
DCCLKOUT
CLKOUT duty cycle
50%
With an 8-MHz crystal connected to the XIN and
Crystal oscillator start-up time
200
µs
XOUT pins
EXTERNAL CLOCK
Maximum allowable external clock jitter
50
ps
External clock input frequency
±10%
8
MHz
Voltage input high (VIH)
0.75 × RX_DIG_SUP
V
External clock input voltage
Voltage input low (VIL)
0.25 × RX_DIG_SUP
V
External clock input current
1
µA
TIMING
Wake-up time from complete power-down
1000
ms
Wake-up time from Rx power-down
100
µs
Wake-up time from Tx power-down
1000
ms
tRESET
Active low RESET pulse duration
1
ms
DIAG_END pulse duration at diagnostics
CLKOUT
tDIAGEND
4
completion
cycles
CLKOUT
tADCRDY
ADC_RDY pulse duration
1
cycles
DIGITAL SIGNAL CHARACTERISTICS
AFE_PDN, SPI CLK, SPI SIMO, SPI STE,
VIH
Logic high input voltage
0.75 × RX_DIG_SUP
V
RESET
AFE_PDN, SPI CLK, SPI SIMO, SPI STE,
VIL
Logic low input voltage
0.25 × RX_DIG_SUP
V
RESET
IIN
Logic input current
Digital inputs at VIH or VIL
0.1
µA
DIAG_END, LED_ALM, PD_ALM, SPI SOMI,
VOH
Logic high output voltage
RX_DIG_SUP – 0.1
V
ADC_RDY, CLKOUT
DIAG_END, LED_ALM, PD_ALM, SPI SOMI,
VOL
Logic low output voltage
0.1
V
ADC_RDY, CLKOUT
PIN LEAKAGE CURRENT
Pin leakage current
To GND and supply
1
nA
12
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com