Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 64Page - Texas Instruments AFE4490 Datasheet HTML 65Page - Texas Instruments AFE4490 Datasheet HTML 66Page - Texas Instruments AFE4490 Datasheet HTML 67Page - Texas Instruments AFE4490 Datasheet HTML 68Page - Texas Instruments AFE4490 Datasheet HTML 69Page - Texas Instruments AFE4490 Datasheet HTML 70Page - Texas Instruments AFE4490 Datasheet HTML 71Page - Texas Instruments AFE4490 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
AFE4490
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
www.ti.com
Figure 111. PRPCOUNT: Pulse Repetition Period Count Register (Address = 1Dh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
PRPCOUNT[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
PRPCOUNT[15:0]
This register sets the device pulse repetition period count.
Bits D[23:16]
Must be '0'
Bits D[15:0]
PRPCOUNT[15:0]: Pulse repetition period count
The contents of this register can be used to set the pulse repetition period (in number of
clock cycles of the 4-MHz clock). The PRPCOUNT value must be set in the range of 800 to
64000. Values below 800 do not allow sufficient sample time for the four samples; see the
Electrical Characteristics table.
Figure 112. CONTROL1: Control Register 1 (Address = 1Eh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
CLKALMPIN[2:0]
TIMEREN
NUMAV[7:0]
This register configures the clock alarm pin, timer, and number of averages.
Bits D[23:12]
Must be '0'
Bits D[11:9]
CLKALMPIN[2:0]: Clocks on ALM pins
Internal clocks can be brought to the PD_ALM and LED_ALM pins for monitoring.
Note that the ALMPINCLKEN register bit must be set before using this register bit. Table 5
defines the settings for the two alarm pins.
Bit D8
TIMEREN: Timer enable
0 = Timer module is disabled and all internal clocks are off (default after reset)
1 = Timer module is enabled
Bits D[7:0]
NUMAV[7:0]: Number of averages
Specify an 8-bit value corresponding to the number of ADC samples to be averaged – 1.
For example, to average four ADC samples, set NUMAV[7:0] equal to 3.
The maximum number of averages is 16. Any NUMAV[7:0] setting greater than or equal to a
decimal value of 15 results in the number of averages being set to 16.
Table 5. PD_ALM and LED_ALM Pin Settings
CLKALMPIN[2:0]
PD_ALM PIN SIGNAL
LED_ALM PIN SIGNAL
000
Sample LED2 pulse
Sample LED1 pulse
001
LED2 LED pulse
LED1 LED pulse
010
Sample LED2 ambient pulse
Sample LED1 ambient pulse
011
LED2 convert
LED1 convert
100
LED2 ambient convert
LED1 ambient convert
101
No output
No output
110
No output
No output
111
No output
No output
68
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com