Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
AFE4490
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
RX_ANA_SUP, RX_DIG_SUP to
AVDD to AVSS
–0.3
4
V
RX_ANA_GND, RX_DIG_GND
TX_CTRL_SUP, LED_DRV_SUP to
DVDD to DGND
–0.3
6
V
LED_DRV_GND
RX_ANA_GND, RX_DIG_GND to
AGND to DGND
–0.3
0.3
V
LED_DRV_GND
Analog inputs
RX_ANA_GND – 0.3
RX_ANA_SUP + 0.3
V
Digital inputs
RX_DIG_GND – 0.3
RX_DIG_SUP + 0.3
V
Minimum [6,
TXP, TXN pins
–0.3
V
(LED_DRV_SUP + 0.3)]
Input current to any pin except supply pins(2)
±7
mA
Momentary
±50
mA
Input current
Continuous
±7
mA
Operating temperature range
–40
85
°C
Maximum junction temperature, TJ
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing beyond the supply rails must be current-limited to
10 mA or less.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–4000
4000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–1500
1500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com