Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 67Page - Texas Instruments AFE4490 Datasheet HTML 68Page - Texas Instruments AFE4490 Datasheet HTML 69Page - Texas Instruments AFE4490 Datasheet HTML 70Page - Texas Instruments AFE4490 Datasheet HTML 71Page - Texas Instruments AFE4490 Datasheet HTML 72Page - Texas Instruments AFE4490 Datasheet HTML 73Page - Texas Instruments AFE4490 Datasheet HTML 74Page - Texas Instruments AFE4490 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
´ Full-Scale Current
LED2[7:0]
256
´ Full-Scale Current
LED1[7:0]
256
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
Bits D[2:0]
RF_LED2[2:0]: Program RF for LED2
000 = 500 k
Ω
100 = 25 k
Ω
001 = 250 k
Ω
101 = 10 k
Ω
010 = 100 k
Ω
110 = 1 M
Ω
011 = 50 k
Ω
111 = None
Figure 116. LEDCNTRL: LED Control Register (Address = 22h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
LED_RANGE[1:0]
LED1[7:0]
11
10
9
8
7
6
5
4
3
2
1
0
LED1[7:0]
LED2[7:0]
This register sets the LED current range and the LED1 and LED2 drive current.
Bits D[23:18]
Must be '0'
Bits D[17:16]
LED_RANGE[1:0]: LED range
These bits program the full-scale LED current range for Tx. Table 6 details the settings.
Bits D[15:8]
LED1[7:0]: Program LED current for LED1 signal
Use these register bits to specify the LED current setting for LED1 (default after reset is
00h).
The nominal value of the LED current is given by Equation 6,
where the full-scale LED current is either 0 mA, 50 mA, 75 mA, 100 mA, 150 mA, or 200 mA
(as specified by the LED_RANGE[1:0] register bits).
Bits D[7:0]
LED2[7:0]: Program LED current for LED2 signal
Use these register bits to specify the LED current setting for LED2 (default after reset is
00h).
The nominal value of LED current is given by Equation 7,
where the full-scale LED current is either 0 mA, 50 mA, 75 mA, 100 mA, 150 mA, or 200 mA
(as specified by the LED_RANGE[1:0] register bits).
Table 6. Full-Scale LED Current across Tx Reference Voltage Settings(1)
0.75 V (TX_REF[1:0] = 00)
0.5 V (TX_REF[1:0] = 01)
1.0 V (TX_REF[1:0] = 10)
LED_RANGE[1:0]
IMAX
VHR
IMAX
VHR
IMAX
VHR
00 (default after reset)
150 mA
1.4 V
100 mA
1.1 V
200 mA
1.7 V
01
75 mA
1.3 V
50 mA
1.0 V
100 mA
1.6 V
10
150 mA
1.4 V
100 mA
1.1 V
200 mA
1.7 V
11
Tx is off
—
Tx is off
—
Tx is off
—
(1)
For a 3-V to 3.6-V supply, use TX_REF = 0.5 V. For a 4.75-V to 5.25-V supply, use TX_REF = 0.75 V or 1.0 V.
(6)
(7)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com