Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments AFE4490 Datasheet HTML 35Page - Texas Instruments AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments AFE4490 Datasheet HTML 38Page - Texas Instruments AFE4490 Datasheet HTML 39Page - Texas Instruments AFE4490 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
AFE4490
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
www.ti.com
8.3.3.1 Using the Timer Module
The timer module registers can be used to program the start and end instants in units of 4-MHz clock cycles.
These timing instants and the corresponding registers are listed in Table 2.
Note that the device does not restrict the values in these registers; thus, the start and end edges can be
positioned anywhere within the pulse repetition period. Care must be taken by the user to program suitable
values in these registers to avoid overlapping the signals and to make sure none of the edges exceed the value
programmed in the PRP register. Writing the same value in the start and end registers results in a pulse duration
of one clock cycle. The following steps describe the timer sequencing configuration:
1. With respect to the start of the PRP period (indicated by timing instant t0 in Figure 63 and Figure 64), the
sequence of conversions must be followed in order: convert LED2
→ LED2 ambient → LED1 → LED1
ambient.
2. Also, starting from t0, the sequence of sampling instants must be staggered with respect to the respective
conversions as follows: sample LED2 ambient
→ LED1 → LED1 ambient → LED2.
3. Finally, align the edges for the two LED pulses with the respective sampling instants.
Table 2. Clock Edge Mapping to SPI Registers
TIME INSTANT
(See Figure 63 and
EXAMPLE(1)
Figure 64)
DESCRIPTION
CORRESPONDING REGISTER ADDRESS AND REGISTER BITS
(Decimal)
t0
Start of pulse repetition period
No register control
—
t1
Start of sample LED2 pulse
Sample LED2 start count (bits 15-0 of register 01h)
6050
t2
End of sample LED2 pulse
Sample LED2 end count (bits 15-0 of register 02h)
7998
t3
Start of LED2 pulse
LED2 start count (bits 15-0 of register 03h)
6000
t4
End of LED2 pulse
LED2 end count (bits 15-0 of register 04h)
7999
t5
Start of sample LED2 ambient pulse
Sample ambient LED2 start count (bits 15-0 of register 05h)
50
t6
End of sample LED2 ambient pulse
Sample ambient LED2 end count (bits 15-0 of register 06h)
1998
t7
Start of sample LED1 pulse
Sample LED1 start count (bits 15-0 of register 07h)
2050
t8
End of sample LED1 pulse
Sample LED1 end count (bits 15-0 of register 08h)
3998
t9
Start of LED1 pulse
LED1 start count (bits 15-0 of register 09h)
2000
t10
End of LED1 pulse
LED1 end count (bits 15-0 of register 0Ah)
3999
t11
Start of sample LED1 ambient pulse
Sample ambient LED1 start count (bits 15-0 of register 0Bh)
4050
t12
End of sample LED1 ambient pulse
Sample ambient LED1 end count (bits 15-0 of register 0Ch)
5998
LED2 convert start count (bits 15-0 of register 0Dh)
t13
Start of convert LED2 pulse
4
Must start one AFE clock cycle after the ADC reset pulse ends.
t14
End of convert LED2 pulse
LED2 convert end count (bits 15-0 of register 0Eh)
1999
LED2 ambient convert start count (bits 15-0 of register 0Fh)
t15
Start of convert LED2 ambient pulse
2004
Must start one AFE clock cycle after the ADC reset pulse ends.
t16
End of convert LED2 ambient pulse
LED2 ambient convert end count (bits 15-0 of register 10h)
3999
LED1 convert start count (bits 15-0 of register 11h)
t17
Start of convert LED1 pulse
4004
Must start one AFE clock cycle after the ADC reset pulse ends.
t18
End of convert LED1 pulse
LED1 convert end count (bits 15-0 of register 12h)
5999
LED1 ambient convert start count (bits 15-0 of register 13h)
t19
Start of convert LED1 ambient pulse
6004
Must start one AFE clock cycle after the ADC reset pulse ends.
t20
End of convert LED1 ambient pulse
LED1 ambient convert end count (bits 15-0 of register 14h)
7999
t21
Start of first ADC conversion reset pulse
ADC reset 0 start count (bits 15-0 of register 15h)
0
t22
End of first ADC conversion reset pulse(2)
ADC reset 0 end count (bits 15-0 of register 16h)
3
t23
Start of second ADC conversion reset pulse
ADC reset 1 start count (bits 15-0 of register 17h)
2000
End of second ADC conversion reset
t24
ADC reset 1 end count (bits 15-0 of register 18h)
2003
pulse(2)
t25
Start of third ADC conversion reset pulse
ADC reset 2 start count (bits 15-0 of register 19h)
4000
t26
End of third ADC conversion reset pulse(2)
ADC reset 2 end count (bits 15-0 of register 1Ah)
4003
t27
Start of fourth ADC conversion reset pulse
ADC reset 3 start count (bits 15-0 of register 1Bh)
6000
t28
End of fourth ADC conversion reset pulse(2)
ADC reset 3 end count (bits 15-0 of register 1Ch)
6003
t29
End of pulse repetition period
Pulse repetition period count (bits 15-0 of register 1Dh)
7999
(1)
Values are based off of a pulse repetition frequency (PRF) = 500 Hz and duty cycle = 25%.
(2)
See Figure 64, note 2 for the affect of the ADC reset time crosstalk.
36
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com