Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 69Page - Texas Instruments AFE4490 Datasheet HTML 70Page - Texas Instruments AFE4490 Datasheet HTML 71Page - Texas Instruments AFE4490 Datasheet HTML 72Page - Texas Instruments AFE4490 Datasheet HTML 73Page - Texas Instruments AFE4490 Datasheet HTML 74Page - Texas Instruments AFE4490 Datasheet HTML 75Page - Texas Instruments AFE4490 Datasheet HTML 76Page - Texas Instruments AFE4490 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
Bit D2
PDN_TX: Tx power-down
0 = The Tx is powered up (default after reset)
1 = Only the Tx module is powered down
Bit D1
PDN_RX: Rx power-down
0 = The Rx is powered up (default after reset)
1 = Only the Rx module is powered down
Bit D0
PDN_AFE: AFE power-down
0 = The AFE is powered up (default after reset)
1 = The entire AFE is powered down (including the Tx, Rx, and diagnostics blocks)
Figure 118. SPARE2: SPARE2 Register For Future Use (Address = 24h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
This register is a spare register and is reserved for future use.
Bits D[23:0]
Must be '0'
Figure 119. SPARE3: SPARE3 Register For Future Use (Address = 25h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
This register is a spare register and is reserved for future use.
Bits D[23:0]
Must be '0'
Figure 120. SPARE4: SPARE4 Register For Future Use (Address = 26h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
This register is a spare register and is reserved for future use.
Bits D[23:0]
Must be '0'
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com