Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 79Page - Texas Instruments AFE4490 Datasheet HTML 80Page - Texas Instruments AFE4490 Datasheet HTML 81Page - Texas Instruments AFE4490 Datasheet HTML 82Page - Texas Instruments AFE4490 Datasheet HTML 83Page - Texas Instruments AFE4490 Datasheet HTML 84Page - Texas Instruments AFE4490 Datasheet HTML 85Page - Texas Instruments AFE4490 Datasheet HTML 86Page - Texas Instruments AFE4490 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
0
100
200
300
400
500
600
700
800
900
0
10
20
30
40
50
Pleth Current (A)
Duty Cycle 1%
Duty Cycle 5%
Duty Cycle 10%
Duty Cycle 15%
Duty Cycle 20%
Duty Cycle 25%
C013
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low
Pleth currents (0.125uA, 0.25uA & 0.5uA.)
Noise is calculated in 20Hz band.
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
The data format is binary twos complement format, MSB first. TI recommends that the input to the ADC does not
exceed ±1 V (which is approximately 80% full-scale) because the TIA has a full-scale range of ±1 V.
9.2.3 Application Curves
The dc component of the current from the PPG signal is referred to as Pleth (short for photoplethysmography)
current. The input-referred noise current (referred differentially to the INP, INN inputs) as a function of the Pleth
current is shown in Figure 136 at a PRF of 600 Hz and for various duty cycles of LED pulsing. For example, a
duty cycle of 25% refers to a case where the LED is pulsed for 25% of the pulse repetition period and the
receiver samples the photodiode current for the same period of time. The noise shown in Figure 136 is the
integrated noise over a 20-Hz bandwidth from dc.
Figure 136. Input-Referred Noise Current vs
Pleth Current (BW = 20Hz, PRF = 600 Hz)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com