Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4490 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 35Page - Texas Instruments AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments AFE4490 Datasheet HTML 38Page - Texas Instruments AFE4490 Datasheet HTML 39Page - Texas Instruments AFE4490 Datasheet HTML 40Page - Texas Instruments AFE4490 Datasheet HTML 41Page - Texas Instruments AFE4490 Datasheet HTML 42Page - Texas Instruments AFE4490 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
RX_ANA_SUP
I/O
Pins
Device
1.8 V
1.8 V
RX_DIG_SUP
RX_ANA_SUP to
1.8-V Regulator
Rx Analog Modules
RX_DIG_SUP to
1.8-V Regulator
Rx Digital
Rx I/O
Block
AFE4490
www.ti.com
SBAS602G – DECEMBER 2012 – REVISED JUNE 2014
8.3.4 Receiver Subsystem Power Path
The block diagram in Figure 65 shows the device Rx subsystem power routing.
Figure 65. Receive Subsystem Power Routing
8.3.5 Transmit Section
The transmit section integrates the LED driver and the LED current control section with 8-bit resolution. This
integration is designed to meet a dynamic range of better than 105 dB (based on a 1-sigma LED current noise).
The RED and IR LED reference currents can be independently set. The current source (ILED) locally regulates
and ensures that the actual LED current tracks the specified reference. The transmitter section uses a reference
voltage for operation. This reference voltage is available on the REF_TX pin and must be decoupled to ground
with a 2.2-
μF capacitor. The TX_REF voltage is derived from the TX_CTRL_SUP. The maximum LED current
setting depends on the transmitter reference voltage. By default, after reset, this voltage is 0.75 V and supports
up to a 150-mA LED current. For higher LED currents up to 200 mA, the reference can be programmed to 1.0 V
(using the LED_RANGE[1:0] register bits).
The minimum LED_DRV_SUP voltage required for operation depends on the:
•
Voltage drop across the LED (VLED),
•
Voltage drop across the external cable, connector, and any other component in series with the LED (VCABLE),
and
•
Transmitter reference voltage.
Using the default reference voltage of 0.75 V, the minimum LED_DRV_SUP voltage can be as low as 3.25 V,
provided that Equation 3 is met. Refer to the Recommended Operating Conditions table.
3.25 V – (VLED + VCABLE) > 1.4 V
(3)
To lower the minimum LED_DRV_SUP voltage even further, the transmitter reference voltage can be
programmed to 0.5 V. By doing so, the minimum LED_DRV_SUP voltage can be reduced to 3.0 V, provided that
Equation 4 is met. Refer to the Recommended Operating Conditions table.
3.0 V – (VLED + VCABLE) > 1.4 V
(4)
Note that with the 0.5-V transmitter reference voltage, the maximum LED current supported is 100 mA.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com