Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 43Page - fujitsu semiconductor MB89151APF Datasheet HTML 44Page - fujitsu semiconductor MB89151APF Datasheet HTML 45Page - fujitsu semiconductor MB89151APF Datasheet HTML 46Page - fujitsu semiconductor MB89151APF Datasheet HTML 47Page - fujitsu semiconductor MB89151APF Datasheet HTML 48Page - fujitsu semiconductor MB89151APF Datasheet HTML 49Page - fujitsu semiconductor MB89151APF Datasheet HTML 50Page - fujitsu semiconductor MB89151APF Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
MB89150/150A Series
s MASK OPTIONS
No.
Part number
MB89151/1A, 2/2A,
3/3A, 4/4A, 5/5A
MB89P155
MB89PV150
Specifying procedure
Specify when
ordering masking
Set with EPROM
programmer
Setting not
possible
1
Pull-up resistors
P00 to P07, P10 to P17
Selectable per pin
Can be set per pin
Fixed to without a
pull-up resistor
2
Pull-up resistors
P40 to P47, P50 to P57
Selectable per pin
(Only when segment
output is not selected.)
Fixed to without a
pull-up resistor
3
Pull-up resistors
P20 to P27
Selectable by pin
Fixed to without a
pull-up resistor
4
Power-on reset
With power-on reset
Without power-on reset
Selectable
Selectable
Fixed to with
power-on reset
5
Selection of oscillation stabilization time
• The initial value of the oscillation
stabilization time for the main clock can
be set by selecting the values of the
WTM1 and WTM0 bits on the right.
Selectable
WTM1 WTM0
00:
22/FCH
01:
212/FCH
10:
216/FCH
11:
218/FCH
Selectable
WTM1WTM0
00:
22/FCH
01:
212/FCH
10:
216/FCH
11:
218/FCH
Fixed to oscillation
stabilization time of
216/FCH
6
Main clock oscillation type
Crystal or ceramic resonator
CR
Selectable
Fixed to crystal or
ceramic only
Fixed to crystal or
ceramic
7
Reset pin output
With reset output
Without reset output
Selectable
Selectable
Fixed to with reset
output
8
Clock mode selection
Dual-clock mode
Single-clock mode
Selectable
Selectable
Fixed to dual-clock
mode
9
Segment output selection
36: No ports selection
32: Selection of P57 to P54
28: Selection of P57 to P50
24: Selection of P57 to P50, and P47 to P44.
20: Selection of P57 to P50, and P47 to P40.
Selectable
Selection of the
number of
segments.
-101/201: 36 segments
-102/202: 32 segments
-103/203: 28 segments
-104/204: 24 segments
-105/205: 20 segments
-101: 36 segments
-102: 32 segments
-103: 28 segments
-104: 24 segments
-105: 20 segments
10
Selection of a built-in booster
Without booster:
MB89151/2/3/4/5
With booster:
MB89151A/2A/3A/4A/5A
Without booster:
-101 to 105
With booster:
-201 to 205
Fixed to without
booster
(-100 to 105 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com