Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 23Page - fujitsu semiconductor MB89151APF Datasheet HTML 24Page - fujitsu semiconductor MB89151APF Datasheet HTML 25Page - fujitsu semiconductor MB89151APF Datasheet HTML 26Page - fujitsu semiconductor MB89151APF Datasheet HTML 27Page - fujitsu semiconductor MB89151APF Datasheet HTML 28Page - fujitsu semiconductor MB89151APF Datasheet HTML 29Page - fujitsu semiconductor MB89151APF Datasheet HTML 30Page - fujitsu semiconductor MB89151APF Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
MB89150/150A Series
(Continued)
(VSS = 0.0 V)
Precautions: Permanent device damage may occur if the above “Absolute Maximum Ratings” are exceeded. Func-
tional operation should be restricted to the conditions as detailed in the operational sections of this
data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
2. Recommended Operating Conditions
(VSS = 0.0 V)
*1: The minimum operating power supply voltage varies with the execution time (instruction cycle time) setting for
the operating frequency.
*2: The LCD power supply voltage range and optimum value vary depending on the characteristics of the liquid-
crystal display element.
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
“H” level average output current
IOHAV1
—–2
mA
Average value (operating
current
× operating rate)
All pins except P30 and power
supply pins.
IOHAV2
—–4
mA
Average value (operating
current
× operating rate)
P30
“H” level total output current
∑IOH
—
–20
mA
“H” level total average output
current
∑IOHAV
—
–10
mA
Average value (operating
current
× operating rate)
Power consumption
PD
—
300
mW
Operating temperature
TA
–40
+85
°C
Storage temperature
Tstg
–55
+150
°C
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
2.2*1
6.0
V
Normal operation assurance range
Single clock system of the mask
ROM product.
2.2*1
4.0
V
Normal operation assurance range
Dual-clock system of the mask ROM
product.
2.7*1
6.0
V
MB89P155/PV150
1.5
6.0
V
Retains the RAM state in stop mode
LCD power supply voltage
V0 to V3
VSS
VCC*2
V
V0 to V3 pins
LCD reference power supply
input voltage
VIR
1.3
2.2
V
V1 pin on the products with a booster
Reference power external input
Operating temperature
TA
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com