Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 6Page - fujitsu semiconductor MB89151APF Datasheet HTML 7Page - fujitsu semiconductor MB89151APF Datasheet HTML 8Page - fujitsu semiconductor MB89151APF Datasheet HTML 9Page - fujitsu semiconductor MB89151APF Datasheet HTML 10Page - fujitsu semiconductor MB89151APF Datasheet HTML 11Page - fujitsu semiconductor MB89151APF Datasheet HTML 12Page - fujitsu semiconductor MB89151APF Datasheet HTML 13Page - fujitsu semiconductor MB89151APF Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MB89150/150A Series
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: FPT-80P-M05
*4: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1*3
MQFP*4
QFP*2
48
50
P32
J
Functions as an N-ch open-drain general-purpose
output port only in the products without a booster.
C0
—
Functions as a capacitor connection pin in the
products with a booster.
47
49
P31
J
Functions as an N-ch open-drain general-purpose
output port only in the products without a booster.
C1
—
Functions as a capacitor connection pin in the
products with a booster.
46
48
P30/RCO
G
General-purpose output-only port
Also serves as a remote control transmission output.
14
16
P57/SEG35
J/K
N-ch open-drain general-purpose output ports
Also serve as LCD controller/driver segment output.
Switching between port and common output is done by
the mask option.
12 to 6
14 to 8
P56/SEG34 to
P50/SEG28
5 to 1
7 to 3
P47/SEG27 to
P43/SEG23
J/K
80,
79,
78
2,
1,
80
P42/SEG22,
P41/SEG21,
P40/SEG20
77 to 58
79 to 60
SEG19 to
SEG0
K
LCD controller/driver segment output-only pins
57 to 54
59 to 56
COM3 to COM0
K
LCD controller/driver common output-only pins
52 to 49
54 to 51
V3 to V0
—
LCD driving power supply pins
44
46
X0A
B
Subclock crystal oscillator pins (32.768 kHz)
45
47
X1A
53
55
VCC
—
Power supply pin
13
15
VSS
—
Power supply (GND) pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com