Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 5Page - fujitsu semiconductor MB89151APF Datasheet HTML 6Page - fujitsu semiconductor MB89151APF Datasheet HTML 7Page - fujitsu semiconductor MB89151APF Datasheet HTML 8Page - fujitsu semiconductor MB89151APF Datasheet HTML 9Page - fujitsu semiconductor MB89151APF Datasheet HTML 10Page - fujitsu semiconductor MB89151APF Datasheet HTML 11Page - fujitsu semiconductor MB89151APF Datasheet HTML 12Page - fujitsu semiconductor MB89151APF Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
MB89150/150A Series
s PIN DESCRIPTION
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: FPT-80P-M05
*4: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1*3
MQFP*4
QFP*2
16
18
X0
A
Main clock oscillator pins
15
17
X1
18
20
MOD0
C
Operating mode selection pins
Connect directly to VSS.
17
19
MOD1
19
21
RST
D
Reset I/O pin
This pin is an N-ch open-drain output type with a pull-
up resistor and a hysteresis input type. “L” is output
from this pin by an internal reset source. The internal
circuit is initialized by the input of “L”.
20 to 27
22 to 29
P00/INT20 to
P07/INT27
E
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up
function).
External interrupt 2 input is hysteresis input.
28 to 31
30 to 33
P10/INT10 to
P13/INT13
E
General-purpose I/O ports
Also serve as external interrupt 1 input.
External interrupt 1 input is hysteresis input.
32 to 35
34 to 37
P14 to P17
F
General-purpose I/O ports
36
38
P20/EC
H
N-ch open-drain general-purpose I/O port
Also serves as the external clock input for the timer.
The peripheral is a hysteresis input type.
37
39
P21
I
N-ch open-drain general-purpose I/O port
38
40
P22/TO
I
N-ch open-drain general-purpose I/O port
Also serves as a timer output.
39
41
P23/SI
H
N-ch open-drain general-purpose I/O port
Also serves as the data input for the 8-bit serial I/O.
The peripheral is a hysteresis input type.
40
42
P24/SO
I
N-ch open-drain general-purpose I/O port
Also serves as the data output for the 8-bit serial I/O.
41
43
P25/SCK
H
N-ch open-drain general-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O.
The peripheral is a hysteresis input type.
42
44
P26
I
N-ch open-drain general-purpose I/O port
43
45
P27/BUZ
I
N-ch open-drain general-purpose I/O port
Also serves as a buzzer output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com