Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 25Page - fujitsu semiconductor MB89151APF Datasheet HTML 26Page - fujitsu semiconductor MB89151APF Datasheet HTML 27Page - fujitsu semiconductor MB89151APF Datasheet HTML 28Page - fujitsu semiconductor MB89151APF Datasheet HTML 29Page - fujitsu semiconductor MB89151APF Datasheet HTML 30Page - fujitsu semiconductor MB89151APF Datasheet HTML 31Page - fujitsu semiconductor MB89151APF Datasheet HTML 32Page - fujitsu semiconductor MB89151APF Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
MB89150/150A Series
3. DC Characteristics
(VCC = +5.0 V, VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
“H” level input
voltage
VIH
P00 to P07,
P10 to P17,
P20 to P27
—
0.7 VCC
VCC + 0.3
V
CMOS input
VIHS
RST, MOD0, MOD1,
EC, SI, SCK,
INT10 to INT13,
INT20 to INT27
0.8 VCC
VSS + 0.3
V
Hysteresis
input
“L” level input
voltage
VIL
P00 to P07, P10 to P17,
P20 to P27
VSS
− 0.3
0.3 VCC
V
CMOS input
VILS
RST, MOD0, MOD1,
EC, SI, SCK,
INT10 to INT13,
INT20 to INT27
VSS
− 0.3
0.2 VCC
V
Hysteresis
input
Open-drain output
pin application
voltage
VD
P20 to P27, P31, P32,
P40 to P47, P50 to P57
VSS
− 0.3
VSS + 6.0*1
V
Without
pull-up resistor
“H” level output
voltage
VOH1
P00 to P07, P10 to P17
IOH = –2.0 mA
2.4

V
VOH2
P30
IOH = –6.0 mA
4.0
—
—
V
“L” level output
voltage
VOL1
P00 to P07, P10 to P17,
P20, P22 to P25,
P30 to P32, P40 to P47,
P50 to P57
IOL = 1.8 mA
—
0.4
V
VOL2
P21, P26, P27
IOL = 8.0 mA
—
—
0.4
V
VOL3
RST
IOL = 4.0 mA
—
—
0.4
V
Input leakage current
(Hi-z output
leakage current)
ILI1
MOD0, MOD1, P30,
P00 to P07, P10 to P17
0.0 V < VI < VCC
—
±5
µA Without
pull-up resistor
ILI2
P20 to P27, P31, P32,
P40 to P47, P50 to P57
0.0 V < VI < 6.0 V
——
±1
µA Without
pull-up resistor
Pull-up resistance RPULL
P00 to P07, P10 to P17,
P20 to P27, P40 to P47,
P50 to P57, RST
VI = 0.0 V
25
50
100
k
Ω With
pull-up resistor
Common output
impedance
RVCOM COM0 to COM3
V1 to V3 = 5.0 V
——
2.5
k
Ω
Segment output
impedance
RVSEG
SEG0 to SEG35
V1 to V3 = 5.0 V
—
—
15
k
Ω
LCD divided
resistance
RLCD
—
Between
VCC and V0
300
500
750
k
Ω
Products
without a
booster only
LCD leakage
current
ILCDL
V0 to V3,
COM0 to COM3,
SEG0 to SEG35
——
—
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com