Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 34Page - fujitsu semiconductor MB89151APF Datasheet HTML 35Page - fujitsu semiconductor MB89151APF Datasheet HTML 36Page - fujitsu semiconductor MB89151APF Datasheet HTML 37Page - fujitsu semiconductor MB89151APF Datasheet HTML 38Page - fujitsu semiconductor MB89151APF Datasheet HTML 39Page - fujitsu semiconductor MB89151APF Datasheet HTML 40Page - fujitsu semiconductor MB89151APF Datasheet HTML 41Page - fujitsu semiconductor MB89151APF Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
MB89150/150A Series
(Continued)
ICC2 (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC (V)
ICC2 vs. VCC (Mask ROM product)
FCH = 3 MHz
FCH = 4.2 MHz
FCH = 1 MHz
TA = +25
°C
1234567
ICC1 (mA)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1234567
VCC (V)
ICC1 vs. VCC (Mask ROM product)
FCH = 3 MHz
FCH = 4.2 MHz
FCH = 1 MHz
TA = +25
°C
1234567
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC (V)
V IN (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIHS
VILS
VCC (V)
V IN (V)
TA = +25
°C
TA = +25
°C
VIN vs. VCC
VIN vs. VCC
1234567
(3) “H” Level Input Voltage/“L” level Input Voltage
(4) Power Supply Current (External Clock)
VIHS: Threshold when input voltage in hysteresis
VILS: Threshold when input voltage in hysteresis
characteristics is set to “H” level
characteristics is set to “L” level
(CMOS input)
(Hysteresis input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com