Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 22Page - fujitsu semiconductor MB89151APF Datasheet HTML 23Page - fujitsu semiconductor MB89151APF Datasheet HTML 24Page - fujitsu semiconductor MB89151APF Datasheet HTML 25Page - fujitsu semiconductor MB89151APF Datasheet HTML 26Page - fujitsu semiconductor MB89151APF Datasheet HTML 27Page - fujitsu semiconductor MB89151APF Datasheet HTML 28Page - fujitsu semiconductor MB89151APF Datasheet HTML 29Page - fujitsu semiconductor MB89151APF Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
26
MB89150/150A Series
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
( VSS = 0.0 V)
(Continued)
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
VSS – 0.3
VSS + 7.0
V
LCD power supply voltage
V0 to V3
VSS – 0.3
VSS + 7.0
V
V0 to V3 pins on the product
with booster
VSS – 0.3
VCC + 0.3
V
V0 to V3 pins on the product
without booster
Input voltage
VI1
VSS – 0.3
VCC + 0.3
V
VI1 must not exceed VSS +7.0 V.
All pins except P20 to P27
without a pull-up resistor
VI2
VSS – 0.3
VSS + 7.0
V
P20 to P27 without a pull-up
resistor
Output voltage
VO1
VSS – 0.3
VCC + 0.3
V
VO1 must not exceed VSS +7.0 V.
All pins except P20 to P27, P31,
P32, P40 to P47, P50 to P57
without a pull-up resistor
VO2
VSS – 0.3
VSS + 7.0
V
P20 to P27, P31, P32, P40 to
P47, and P50 to P57, without a
pull-up resistor
“L” level maximum output
current
IOL1
—10
mA
All pins except P21, P26, P27,
and power supply pins
IOL2
—
20
mA
P21, P26, and P27
“L” level average output current
IOLAV1
—4
mA
Average value (operating
current
× operating rate)
All pins except P21, P26, P27,
and power supply pins.
IOLAV2
—8
mA
Average value (operating
current
× operating rate)
P21, P26, and P27
“L” level total maximum output
current
∑IOL
—80
mA
“L” level total average output
current
∑IOLAV
—40
mA
Average value (operating
current
× operating rate)
“H” level maximum output
current
IOH1
—–5
mA
All pins except P30 and power
supply pins
IOH2
—
–10
mA
P30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com