Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 44Page - fujitsu semiconductor MB89151APF Datasheet HTML 45Page - fujitsu semiconductor MB89151APF Datasheet HTML 46Page - fujitsu semiconductor MB89151APF Datasheet HTML 47Page - fujitsu semiconductor MB89151APF Datasheet HTML 48Page - fujitsu semiconductor MB89151APF Datasheet HTML 49Page - fujitsu semiconductor MB89151APF Datasheet HTML 50Page - fujitsu semiconductor MB89151APF Datasheet HTML 51Page - fujitsu semiconductor MB89151APF Datasheet HTML 52Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
48
MB89150/150A Series
• Versions
s ORDERING INFORMATION
(Continued)
Version
Features
Mass production
product
One-time PROM
product
Piggyback/evaluation
product
Number of
segment pins
Booster
MB8915151A
152A
153A
154A
155A
MB89P155-201
-202
-203
-204
-205
—
36
32
28
24
20
Yes
MB8915151
152
153
154
155
MB89P155-101
-102
-103
-104
-105
MB89PV150-101
-102
-103
-104
-105
36
32
28
24
20
No
Part number
Package
Remarks
MB89151PF
MB89152PF
MB89153PF
MB89154PF
MB89155PF
MB89P155PF-101
MB89P155PF-102
MB89P155PF-103
MB89P155PF-104
MB89P155PF-105
80-pin Plastic QFP
(FPT-80P-M06)
Without booster
MB89151APF
MB89152APF
MB89153APF
MB89154APF
MB89155APF
MB89P155PF-201
MB89P155PF-202
MB89P155PF-203
MB89P155PF-204
MB89P155PF-205
With booster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com