Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 26Page - fujitsu semiconductor MB89151APF Datasheet HTML 27Page - fujitsu semiconductor MB89151APF Datasheet HTML 28Page - fujitsu semiconductor MB89151APF Datasheet HTML 29Page - fujitsu semiconductor MB89151APF Datasheet HTML 30Page - fujitsu semiconductor MB89151APF Datasheet HTML 31Page - fujitsu semiconductor MB89151APF Datasheet HTML 32Page - fujitsu semiconductor MB89151APF Datasheet HTML 33Page - fujitsu semiconductor MB89151APF Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
MB89150/150A Series
(VCC = +5.0 V, VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Booster for LCD
driving output voltage
VOV3
V3
V1 = 1.5 V
4.3
4.5
4.7
V
Products with
a booster only
VOV2
V2
2.9
3.0
3.1
V
Reference output
voltage for LCD
driving
VOV1
V1
IIN = 0
µA
1.3
1.5
1.7
V
Power supply
current*2
ICC1
VCC
FCH = 4.2 MHz,
VCC = 5.0 V
tinst*3 = 0.95
µs
Main clock
operation
—
3.0
4.5
mA
MB89151/A,
152/A, 153/A,
154/A, 155/A,
MB89PV150-
101 to 105
—
3.8
6.0
mA
MB89P155-101
to 105/201 to 205
ICC2
FCH = 4.2 MHz,
VCC = 3.0 V
tinst*3 = 15.2
µs
Main clock
operation
—
0.25
0.4
mA
MB89151/A,
152/A,153/A,
154/A, 155/A,
MB89PV150-
101 to 105
—
0.85
1.4
mA
MB89P155-101
to 105/201 to 205
ICCL
FCL = 32.768 kHz,
VCC = 3.0 V
tinst*3 = 61
µs
Subclock
operation
—
0.05
0.1
mA
MB89151/A,
152/A, 153/A,
154/A, 155/A,
MB89PV150-
101 to 105
—
0.65
1.1
mA
MB89P155-101
to 105/201 to 205
ICCS1
FCH = 4.2 MHz,
VCC = 5.0 V
tinst*3 = 0.95
µs
Main clock
sleep mode
—
0.8
1.2
mA
ICCS2
FCH = 4.2 MHz,
VCC = 3.0 V
tinst*3 = 15.2
µs
Main clock
sleep mode
—
0.2
0.3
mA
ICCSL
FCL = 32.768 kHz,
VCC = 3.0 V
tinst*3 = 61
µs
Subclock
sleep mode
—25
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com