Electronic Components Datasheet Search
  English  ▼

X  

MB89151APF Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 27Page - fujitsu semiconductor MB89151APF Datasheet HTML 28Page - fujitsu semiconductor MB89151APF Datasheet HTML 29Page - fujitsu semiconductor MB89151APF Datasheet HTML 30Page - fujitsu semiconductor MB89151APF Datasheet HTML 31Page - fujitsu semiconductor MB89151APF Datasheet HTML 32Page - fujitsu semiconductor MB89151APF Datasheet HTML 33Page - fujitsu semiconductor MB89151APF Datasheet HTML 34Page - fujitsu semiconductor MB89151APF Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31
MB89150/150A Series
(Continued)
(VCC = +5.0 V, VSS = 0.0 V, TA = –40
°C to +85°C)
*1: P31 and P32 are applicable only for products of the MB89150 series (without the “A” suffix). P40 to P47 and
P50 to P57 are applicable when selected as ports.
*2: The power supply current is measured at the external clock, open output pins, and the external LCD dividing
resistor (or external input for the reference voltage).
In the case of the MB89PV150, the current consumed by the connected EPROM and ICE is not included.
*3: For information on tinst, see “(4) Instruction Cycle” in “4. AC Characteristics.”
Note: For pins which serves as the segment (SEG20 to SEG35) and ports (P40 to P47, P50 to P57), see the port
parameter when these pins are used as ports and the segment parameter when they are used as segments.
P31 and P32 are applicable only for products without a booster (applicable as external capacitor connection
pins for products with a booster).
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply
current*2
ICCT
VCC
FCL = 32.768 kHz,
VCC = 3.0 V
Watch mode
—10
15
µA
MB89151/2/3/4/5,
MB89P155-101
to 105,
MB89PV150-101
to 105
ICCT2
FCL = 32.768 kHz,
VCC = 3.0 V
• Watch mode
•During
reference
voltage
generator
and booster
operation
—
250
400
µA
MB89151A/2A/
3A/4A/5A,
MB89P155-201
to 205
ICCH
TA = +25
°C,
VCC = 5.0 V
Stop mode
—0.1
1
µA MB89151/2/3/4/5
—0.1
10
µA
MB89PV150-101
to 105,
MB89P155-101
to 105
Input capacitance CIN
Other than VCC, VSS
f = 1 MHz
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com