Electronic Components Datasheet Search
  English  ▼

X  

DDC114IRTCRG3 Datasheet(PDF) 4 Page - Texas Instruments

Part # DDC114IRTCRG3
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114IRTCRG3 Datasheet(HTML) 4 Page - Texas Instruments

  DDC114IRTCRG3 Datasheet HTML 1Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 2Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 3Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 4Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 5Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 6Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 7Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 8Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25
°C, AVDD = +5V, DVDD = 3V, VREF = +4.096V, Range 5 (250pC), and continuous mode operation, unless otherwise noted.
Low-Power Mode: TINT = 400
µs and CLK = 4MHz; High-Speed Mode: TINT = 320µs and CLK = 4.8MHz.
High-Speed Mode
Low-Power Mode
PARAMETER
UNITS
MAX
TYP
MIN
MAX
TYP
MIN
TEST CONDITIONS
DIGITAL INPUT/OUTPUT
Logic Levels
VIH
0.8DVDD
DVDD + 0.1
∗
∗
V
VIL
− 0.1
0.2DVDD
∗
∗
V
VOH
IOH = −500
µA
DVDD − 0.4
V
VOL
IOL = 500
µA
0.4
∗
V
Input Current (IIN)
0 < VIN < DVDD
±10
∗
µA
Data Format(12)
Straight Binary
∗
POWER-SUPPLY REQUIREMENTS
Analog Power-Supply Voltage (AVDD)
4.75
5.25
∗
∗
V
Digital Power-Supply Voltage (DVDD)
2.7
5.25
∗
∗
V
Supply Current
Total Analog Current
10.5
14.0
mA
Total Digital Current
DVDD = +3V
0.5
0.67
mA
Total Power Dissipation
DVDD = +3V
54
75
72
100
mW
Total Power Dissipation per Channel
DVDD = +3V
13.5
18.75
18
25
mW
(12)Data format is Straight Binary with a small offset. The number of bits in the output word is controlled by the FORMAT pin (see text).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com