Electronic Components Datasheet Search
  English  ▼

X  

DDC114IRTCRG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # DDC114IRTCRG3
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114IRTCRG3 Datasheet(HTML) 1 Page - Texas Instruments

  DDC114IRTCRG3 Datasheet HTML 1Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 2Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 3Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 4Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 5Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 6Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 7Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 8Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FEATURES
D SINGLE-CHIP SOLUTION TO DIRECTLY
MEASURE FOUR LOW-LEVEL CURRENTS
D HIGH PRECISION, TRUE INTEGRATING
FUNCTION
D INTEGRAL LINEARITY:
±0.01% of Reading ±0.5ppm of FSR
D VERY LOW NOISE: 5.2ppm of FSR
D LOW POWER: 13.5mW/channel
D ADJUSTABLE DATA RATE: Up to 3.125kSPS
D PROGRAMMABLE FULL SCALE
D DAISY-CHAINABLE SERIAL INTERFACE
APPLICATIONS
D CT SCANNER DAS
D PHOTODIODE SENSORS
D INFRARED PYROMETERS
D LIQUID/GAS CHROMATOGRAPHY
Protected by US Patent #5841310
Dual
Switched
Integrator
Dual
Switched
Integrator
∆Σ
Modulator
Digital
Filter
Digital
Input/Output
FORMAT
DCLK
DCLK
DVALID
DOUT
DOUT
DIN
DIN
Control
IN3
IN1
VREF
DVDD
AVDD
DGND
AGND
Dual
Switched
Integrator
Dual
Switched
Integrator
∆Σ
Modulator
Digital
Filter
IN4
IN2
CLK
CONV
RANGE0
RANGE1
RANGE2
TEST
CLK_4X
HISPD/LOPWR
RESET
DESCRIPTION
The DDC114 is a 20-bit, quad channel, current-input
analog-to-digital (A/D) converter. It combines both
current-to-voltage and A/D conversion so that four
low-level current output devices, such as photodiodes, can
be directly connected to its inputs and digitized.
For each of the four inputs, the DDC114 provides a
dual-switched integrator front-end. This design allows for
continuous current integration: while one integrator is
being digitized by the onboard A/D converter, the other is
integrating the input current. Adjustable full-scale ranges
from 12pC to 350pC and adjustable integration times from
50
µs to 1s allow currents from fAs to µAs to be measured
with outstanding precision. Low-level linearity is
±0.5ppm
of the full-scale range and noise is 5.2ppm of the full-scale
range.
Two modes of operation are provided. In Low-Power
mode, total power dissipation is only 13.5mW per channel
with a maximum data rate of 2.5kSPS. High-Speed mode
supports data rates up to 3.125kSPS with a corresponding
dissipation of 18mW per channel.
The DDC114 has a serial interface designed for
daisy-chaining in multi-device systems. Simply connect
the output of one device to the input of the next to create
the chain. Common clocking feeds all the devices in the
chain so that the digital overhead in a multi-DDC114
system is minimal.
The DDC114 is a single-supply device using a +5V analog
supply and supporting a +2.7V to +5.25V digital supply.
Operating over the industrial temperature range of −40
°C
to +85
°C, the DDC114 is offered in a QFN-48 package.
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
Quad Current Input, 20-Bit
Analog-To-Digital Converter
www.ti.com
Copyright
 2004−2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - DDC114IRTCRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC114IRTCR TI1-DDC114IRTCR Datasheet
823Kb / 35P
Quad Current Input, 20-Bit Analog-To-Digital Converter
More results

Similar Description - DDC114IRTCRG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112 TI1-DDC112_15 Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
Octal Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com