Electronic Components Datasheet Search
  English  ▼

X  

DDC114IRTCRG3 Datasheet(PDF) 7 Page - Texas Instruments

Part # DDC114IRTCRG3
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114IRTCRG3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DDC114IRTCRG3 Datasheet HTML 3Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 4Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 5Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 6Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 7Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 8Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 9Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 10Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, characterization done with Range 5 (250pC), AVDD = +5V, DVDD = 3V, VREF = +4.096V, Low Power Mode: TINT = 400µs and CLK = 4MHz, unless
otherwise noted.
I
B vs TEMPERATURE
25
35
45
55
65
75
85
Temperature (
_C)
10
1
0.1
0.01
All Ranges
ANALOG SUPPLY CURRENT vs TEMPERATURE
14
12
10
8
6
4
2
0
−40
−15
10
35
60
85
Temperature (
_C)
Temperature (
_C)
Low−Power Mode
POWER CONSUMPTION HISTOGRAM
40
35
30
25
20
15
10
5
0
Power per Channel (mW)
Low−Power Mode
Data collected
from multiple lots.
OFFSET DRIFT vs TEMPERATURE
25
35
45
55
65
75
85
Temperature (
_C)
100
50
0
−50
−100
DIGITAL SUPPLY CURRENT vs TEMPERATURE
1.2
1.0
0.8
0.6
0.4
0.2
0
−40
−15
10
35
60
85
Temperature (
_C)
DVDD = 3V
DVDD = 5V
Low Power−Mode
OFFSET DRIFT OVER TIME HISTOGRAM
600
500
400
300
200
100
0
−1.0 −0.8 −0.6 −0.4 −0.2
0
0.2
0.4
0.6
0.8
1.0
Offset Drift (ppm of FSR/minute)
Range 5
Repeated measurement
of offset drift over a
one minute interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com