Electronic Components Datasheet Search
  English  ▼

X  

DDC114IRTCRG3 Datasheet(PDF) 12 Page - Texas Instruments

Part # DDC114IRTCRG3
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114IRTCRG3 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DDC114IRTCRG3 Datasheet HTML 8Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 9Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 10Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 11Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 12Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 13Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 14Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 15Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
www.ti.com
12
DDC114 Frequency Response
The frequency response of the DDC114 is set by the front
end integrators and is that of a traditional continuous time
integrator, as shown in Figure 7. By adjusting TINT, the user
can change the 3dB bandwidth and the location of the
notches in the response. The frequency response of the
∆Σ converter that follows the front end integrator is of no
consequence because the converter samples a held
signal from the integrators. That is, the input to the
∆Σ
converter is always a DC signal. Since the output of the
front end integrators are sampled, aliasing can occur.
Whenever the frequency of the input signal exceeds
one-half of the sampling rate, the signal will fold back down
to lower frequencies.
0
−10
−20
−30
−40
−50
0.1
T
INT
100
T
INT
1
T
INT
10
T
INT
Frequency
Figure 7. Frequency Response of the DDC114
Test Mode
When Test Mode is used, the inputs (IN1, IN2, IN3, and
IN4) are disconnected from the DDC114 integrators to
enable the user to measure a zero input signal regardless
of the current supplied to the inputs. In addition, packets of
charge can be transferred to the integrators in 11pC
intervals to measure non-zero values. The test mode
works with both the continuous and non-continuous
modes. The timing diagram for the test mode is shown in
Figure 8 with the timing specifications given in Table 2.
To enter Test Mode, hold TEST high while CONV
transitions. If TEST is held high during the entire
integration period, the integrators measure a zero value.
This mode can be used to help debug a design or perform
diagnostic tests. To apply packets of charge during Test
Mode, simply strobe TEST low then high before the next
CONV transition. Each rising edge of TEST causes
approximately 11pC of charge to be transferred to the
integrators. This charge transfer is independent of the
integration time. Data retrieval during Test Mode is
identical to normal operation. To exit Test Mode, take
TEST low and allow several cycles after exiting before
using the data.
t
1
t
3
t
4
t
4
t
6
t
5
t
2
Action
CONV
TEST
Integrate B
Integrate A
Test Mode Disabled
0pC into B
11pC into A
22pC into B
33pC into A
Test Mode Disabled
Test Mode Enabled: Inputs Disconnected
Integrate B
Integrate A
Figure 8. Timing Diagram of the Test Mode of the DDC114
Table 2. Timing for the DDC114 in the Test Mode
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Setup Time for Test Mode Enable
100
ns
t2
Setup Time for Test Mode Disable
100
ns
t3
Hold Time for Test Mode Enable
100
ns
t4
From Rising Edge of TEST to the Edge of CONV while Test Mode
Enabled
1
µs
t5
Falling Edge to Rising Edge of TEST
1
µs
t6
Rising Edge to Falling Edge of TEST
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com