Electronic Components Datasheet Search
  English  ▼

X  

DDC114IRTCRG3 Datasheet(PDF) 13 Page - Texas Instruments

Part # DDC114IRTCRG3
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114IRTCRG3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DDC114IRTCRG3 Datasheet HTML 9Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 10Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 11Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 12Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 13Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 14Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 15Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 16Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
www.ti.com
13
DIGITAL INTERFACE
The digital interface of the DDC114 provides the digital
results via a synchronous serial interface consisting of
differential data clocks (DCLK and DCLK), a valid data pin
(DVALID), differential serial data output pins (DOUT and
DOUT), and differential serial data input pins (DIN and
DIN). The DDC114 contains only two A/D converters, so
the conversion process is interleaved (see Figure 2,
page 8). The integration and conversion processes are
independent of the data retrieval process. Consequently,
the CLK frequency and DCLK frequencies need not be the
same. DIN and DIN are used when multiple converters are
cascaded. Cascading or daisy-chaining greatly simplifies
the interconnection and routing of the digital outputs in
cases where a large number of converters are needed.
Refer to the Cascading Multiple Converters section of this
data sheet for more detail.
Complementary Signals (DCLK, DIN, and DOUT)
The DDC114 provides optional complementary inputs
(DCLK, DIN) to help reduce digital coupling to the analog
inputs. If using these inputs, connect a complementary
signal to each. If these inputs are not connected on the
DDC114, they should be tied to DGND. DOUT is a
complementary output designed to drive DIN. If not using
DOUT, leave it floating.
System and Data Clocks (CLK and CONV)
The system clock is supplied to CLK and the data clock is
supplied to DCLK. Make sure the clock signals are
clean—avoid overshoot or ringing. For best performance,
generate both clocks from the same clock source. DCLK
should be disabled by taking it low after the data has been
shifted out or while CONV is transitioning.
When using multiple DDC114s, pay close attention to the
DCLK distribution on the printed circuit board (PCB). In
particular, make sure to minimize skew in the DCLK signal
as this can lead to timing violations in the serial interface
specifications. See the Cascading Multiple Converters
section for more details.
System Clock Divider (CLK_4X)
The CLK_4X input enables an internal divider on the
system clock as shown in Table 3. When CLK_4X = 1, the
system clock is divided by four. This allows a 4X faster
system clock, which in turn provides a finer quantization of
the integration time as the CONV signal needs to be
synchronized with the system clock for the best
performance.
Table 3. CLK_4X Pin Operation
CLK_4X
PIN
CLK DIVIDER
VALUE
CLK FREQUENCY
INTERNAL CLOCK
FREQUENCY
0
1
4MHz
4MHz
1
4
16MHz
4MHz
High-Speed and Low-Power Modes
(HISPD/LOPWR)
The HISPD/LOPWR input controls the power dissipation
and in turn the maximum allowable CLK frequency and
data rate, as shown in Table 4. With HISPD/LOPWR = 0,
the Low-Power Mode is selected with a typical 13.5mW/
channel and a maximum data rate of 2.5kSPS. Setting
HISPD/LOPWR = 1 selects the High-Speed Mode, which
supports a maximum data rate of 3.125kSPS with a corre-
sponding typical power of 18.0mW/channel.
Table 4. HISPD/LOPWR Pin Operation
HISPD/
LOPWR
MODE
TYPICAL
POWER/
CHANNEL
MAXIMUM
CLK FREQUENCY
(CLK_4X = 0)
MAXIMUM
DATA
RATE
0
Low Power
13.5mW/ch
4.0MHz
2.5kSPS
1
High Speed
18.0mW/ch
4.8MHz
3.125kSPS
Data Valid (DVALID)
The DVALID signal indicates that data is ready. Data
retrieval may begin after DVALID goes low. This signal is
generated using an internal clock divided down from the
system clock CLK. The phase relationship between this
internal clock and CLK is set when power is first applied,
and is random. Since the user must synchronize CONV
with CLK, the DVALID signal will have a random phase
relationship with CONV. This uncertainty is
±1/fCLK. Polling
DVALID eliminates any concern about this relationship. If
data read back is timed from CONV, wait the maximum
value of t7 or t8 to insure data is valid.
Reset (RESET)
The DDC114 is reset asynchronously by taking the
RESET input low, as shown in Figure 9. Make sure the
reset pulse is at least 50
µs wide. After resetting the
DDC114, wait at least four conversions before using the
data. It is very important to make sure the RESET is glitch
free to avoid unintended resets. The RESET pin is used
during power-up; see the Power-Up Sequence section for
more details.
RESET
>50
µs
Figure 9. Reset Timing
Convert (CONV)
CONV controls the integration time (TINT). For optimum
analog performance, make sure CONV is synchronized to
CLK.
This recommendation implies that while SPEED is low,
TINT needs to be adjusted in steps of 250ns if CLK_4X is
low and CLK = 4MHz. If CLK_4X is high and CLK =
16MHz, this allows TINT to be adjusted in steps of 62.5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com