Electronic Components Datasheet Search
  English  ▼

X  

DDC114IRTCRG3 Datasheet(PDF) 9 Page - Texas Instruments

Part # DDC114IRTCRG3
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114IRTCRG3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DDC114IRTCRG3 Datasheet HTML 5Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 6Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 7Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 8Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 9Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 10Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 11Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 12Page - Texas Instruments DDC114IRTCRG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
www.ti.com
9
The digital interface of the DDC114 provides the digital
results via a synchronous serial interface consisting of
differential data clocks (DCLK and DCLK), a valid data pin
(DVALID), differential serial data output pins (DOUT and
DOUT), and differential serial data input pins (DIN and
DIN). The DDC114 contains only two A/D converters, so
the conversion process is interleaved (see Figure 2). The
integration and conversion process is fundamentally
independent of the data retrieval process. Consequently,
the CLK frequency and DCLK frequencies need not be the
same. DIN and DIN are only used when multiple
converters are cascaded, and otherwise should both be
tied to DGND.
DEVICE OPERATION
Basic Integration Cycle
The topology of the front end of the DDC114 is an analog
integrator, as shown in Figure 3. In this diagram, only Input
IN1 is shown. This representation of the input stage
consists of an operational amplifier, a selectable feedback
capacitor network (CF), and several switches that
implement the integration cycle. The timing relationships
of all of the switches shown in Figure 3 are illustrated in
Figure 4. Figure 4 is used to conceptualize the operation
of the integrator input stage of the DDC114 and should not
be used as an exact timing tool for design. See Figure 5 for
the block diagrams of the reset, integrate, wait and convert
states of the integrator section of the DDC114. This
internal switching network is controlled externally with the
convert
pin
(CONV),
range
selection
pins
(RANGE0
−RANGE2), and the system clock (CLK). For
the best noise performance, CONV must be synchronized
with the rising edge of CLK. It is recommended that CONV
toggle within
±10ns of the rising edge of CLK.
The noninverting inputs of the integrators are connected to
ground. Consequently, the DDC114 analog ground should
be as clean as possible. The range switches, along with
the internal and external capacitors (CF), are shown in
parallel between the inverting input and output of the
operational amplifier. At the beginning of a conversion, the
switches SA/D, SINTA, SINTB, SREF1, SREF2, and SRESET are
set (see Figure 4).
50pF
25pF
12.5pF
VREF
RANGE2
RANGE1
RANGE0
To Converter
S
RESET
S
REF2
S
A/D1A
S
INTA
S
REF1
S
INTB
IN1
ESD
Protection
Diodes
Input
Current
Integrator A
Integrator B (same as A)
Photodiode
3pF
Figure 3. Basic Integration Configuration for Input 1, Shown with a 250pC (CF = 62.5pF) Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com