Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 12Page - Texas Instruments ADS5474IPFPR Datasheet HTML 13Page - Texas Instruments ADS5474IPFPR Datasheet HTML 14Page - Texas Instruments ADS5474IPFPR Datasheet HTML 15Page - Texas Instruments ADS5474IPFPR Datasheet HTML 16Page - Texas Instruments ADS5474IPFPR Datasheet HTML 17Page - Texas Instruments ADS5474IPFPR Datasheet HTML 18Page - Texas Instruments ADS5474IPFPR Datasheet HTML 19Page - Texas Instruments ADS5474IPFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
DVDD3
SupplyVoltage
V
-
-
71.0
70.5
70.0
69.5
69.0
68.5
68.0
3.0
3.1
3.2
3.3
3.6
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+100 C
°
0 C
°
+40 C
°
+65 C
°
+85 C
°
+25 C
°
Frequency
Hz
-
0
-10
-20
-30
-40
-50
-60
-70
-130
100k
1M
10M
100M
1G
10G
-80
-90
-100
-110
-120
400MSPS
300MSPS
Time
s
m
-
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
0
10
20
30
40
50
60
70
80
90
100
Wakefrom5VSupply
WakefromPDWN
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude
=
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SNR
CMRR
vs
vs
DVDD3 OVER TEMPERATURE
COMMON-MODE INPUT FREQUENCY
Figure 26.
Figure 27.
ADC WAKEUP TIME
Figure 28.
16
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com