Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 19Page - Texas Instruments ADS5474IPFPR Datasheet HTML 20Page - Texas Instruments ADS5474IPFPR Datasheet HTML 21Page - Texas Instruments ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
ExternalVREFApplied
V
-
75
70
65
60
55
50
45
40
2.05 2.15 2.25 2.35 2.45
3.15
f =400MSPS
f
=70MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
A
= 4dBFS
-
IN
A
= 3dBFS
-
IN
A
= 2dBFS
-
IN
A
= 1dBFS
-
IN
A
= 5dBFS
-
IN
A
= 6dBFS
-
IN
ExternalVREFApplied
V
-
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
2.05 2.15 2.25 2.35 2.45
3.15
f =400MSPS
f
=70MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
ExternalVREFApplied
V
-
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
2.8
2.05 2.15 2.25 2.35 2.45
3.15
3.0
2.9
f =400MSPS
f
=70MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
Figure 37. SNR versus External VREF and AIN
Figure 38. Total Power Consumption versus
External VREF
Figure 39. VCM Pin Output versus External VREF
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com