Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments ADS5474IPFPR Datasheet HTML 28Page - Texas Instruments ADS5474IPFPR Datasheet HTML 29Page - Texas Instruments ADS5474IPFPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
ClockDutyCycle
%
-
90
85
70
65
60
55
50
20
30
40
50
80
60
70
80
75
f =400MSPS
ClockInput=3V
S
PP
f
=10MHz
IN
f
=70MHz
IN
f
=230MHz
IN
f
=300MHz
IN
SNR(dBc)= 20
LOG10(2
f
j
)
-
p ´
´
´
´
IN
TOTAL
j
=(j
+j
)
TOTAL
ADC
CLOCK
2
1/2
2
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
Figure 46. SFDR vs Clock Duty Cycle
The ADS5474 is capable of achieving 69.2 dBFS SNR at 350 MHz of analog input frequency. In order to achieve
the SNR at 350 MHz the clock source rms jitter must be at least 144 fsec in order for the total rms jitter to be 177
fsec. A summary of maximum recommended rms clock jitter as a function of analog input frequency is provided
in Table 3. The equations used to create the table are also presented.
Table 3. Recommended RMS Clock Jitter
MAXIMUM CLOCK
INPUT FREQUENCY
MEASURED SNR
TOTAL JITTER
JITTER
(MHz)
(dBc)
(fsec rms)
(fsec rms)
30
69.3
1818
1816
70
69.1
798
791
130
69.1
429
417
230
68.8
251
229
350
68.2
177
144
450
67.4
151
110
750
65.6
111
42
1000
63.7
104
14
Equation 1 and Equation 2 are used to estimate the required clock source jitter.
(1)
(2)
where:
jTOTAL = the rms summation of the clock and ADC aperture jitter;
jADC = the ADC internal aperture jitter which is located in the data sheet;
jCLOCK = the rms jitter of the clock at the clock input pins to the ADC; and
fIN = the analog input frequency.
Notice that the SNR is a strong function of the analog input frequency, not the clock frequency. The slope of the
clock source edges can have a mild impact on SNR as well and is not taken into account for these estimates.
For this reason, maximizing clock source amplitudes at the ADC clock inputs is recommended, though not
required (faster slope is desirable for jitter-related SNR). For more information on clocking high-speed ADCs, see
Application Note SLWA034, Implementing a CDC7005 Low Jitter Clock Solution For High-Speed, High-IF ADC
26
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com