Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 15Page - Texas Instruments ADS5474IPFPR Datasheet HTML 16Page - Texas Instruments ADS5474IPFPR Datasheet HTML 17Page - Texas Instruments ADS5474IPFPR Datasheet HTML 18Page - Texas Instruments ADS5474IPFPR Datasheet HTML 19Page - Texas Instruments ADS5474IPFPR Datasheet HTML 20Page - Texas Instruments ADS5474IPFPR Datasheet HTML 21Page - Texas Instruments ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
500 W
500 W
Buffer
VCM
Buffer
1.6 pF
1.6pF
GND
S0293-01
AIN
AIN
AVDD5
AVDD5
ADS5463/5474/54RF63
GND
GND
~ 2.5 nH Bond Wire
~ 2.5 nH Bond Wire
~ 0.5pF
Package
~ 0.5pF
Package
~ 200fF
BondPad
~ 200fF
BondPad
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
Figure 31. Analog Input Equivalent Circuit
For a full-scale differential input, each of the differential lines of the input signal (pins 16 and 17) swings
symmetrically between (3.1 V + 0.55 V) and (3.1 V
– 0.55 V). This range means that each input has a maximum
signal swing of 1.1 VPP for a total differential input signal swing of 2.2 VPP. Operation below 2.2 VPP is allowable,
with the characteristics of performance versus input amplitude demonstrated in Figure 18 and Figure 19. For
instance, for performance at 1.1 VPP rather than 2.2 VPP, refer to the SNR and SFDR at –6 dBFS (0 dBFS =
2.2 VPP). The maximum swing is determined by the internal reference voltage generator, eliminating the need for
any external circuitry for this purpose.
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com