Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 17Page - Texas Instruments ADS5474IPFPR Datasheet HTML 18Page - Texas Instruments ADS5474IPFPR Datasheet HTML 19Page - Texas Instruments ADS5474IPFPR Datasheet HTML 20Page - Texas Instruments ADS5474IPFPR Datasheet HTML 21Page - Texas Instruments ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
18pF
AIN
AIN
VCM
ADS5474
+5V
THS4509
CM
348 W
348 W
100 W
100 W
78.9 W
78.9 W
49.9 W
VIN
From
50
Source
W
49.9 W
49.9 W
49.9 W
0.1
F
m
0.1
F
m
0.22
F
m
0.22
F
m
0.22
F
m
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
For applications requiring dc-coupling with the signal source, a differential input/differential output amplifier such
as the THS4509 (shown in Figure 34) provides good harmonic performance and low noise over a wide range of
frequencies.
Figure 34. Using the THS4509 or THS4520 With the ADS5474
In this configuration, the THS4509 amplifier circuit provides 10 dB of gain, converts the single-ended input to
differential, and sets the proper input common-mode voltage to the ADS5474 by utilizing the VCM output pin of
the ADC. The 50-
Ω resistors and 18-pF capacitor between the THS4509 outputs and ADS5474 inputs (along
with the input capacitance of the ADC) limit the bandwidth of the signal to about 70 MHz (
–3 dB). Input
termination is accomplished via the 78.9-
Ω resistor and 0.22-μF capacitor to ground, in conjunction with the input
impedance of the amplifier circuit. A 0.22-
μF capacitor and 49.9-Ω resistor are inserted to ground across the
78.9-
Ω resistor and 0.22-μF capacitor on the alternate input to balance the circuit. Gain is a function of the
source impedance, termination, and 348-
Ω feedback resistor. See the THS4509 data sheet for further
component values to set proper 50-
Ω termination for other common gains. Because the ADS5474 recommended
input common-mode voltage is 3.1 V, the THS4509 operates from a single power-supply input with VS+ = 5 V and
VS– = 0 V (ground). This configuration has the potential to slightly exceed the recommended output voltage from
the THS4509 of 3.6V due to the ADC input common-mode of 3.1V and the +0.55V full-scale signal. This will not
harm the THS4509 but may result in a degradation in the harmonic performance of the THS4509. An amplifier
with a wider recommended output voltage range is the THS4520, which is optimized for low noise and low
distortion in the range of frequencies up to ~20MHz. Applications that are not sensitive to harmonic distortion
could consider either device at higher frequencies.
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com