Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 3Page - Texas Instruments ADS5474IPFPR Datasheet HTML 4Page - Texas Instruments ADS5474IPFPR Datasheet HTML 5Page - Texas Instruments ADS5474IPFPR Datasheet HTML 6Page - Texas Instruments ADS5474IPFPR Datasheet HTML 7Page - Texas Instruments ADS5474IPFPR Datasheet HTML 8Page - Texas Instruments ADS5474IPFPR Datasheet HTML 9Page - Texas Instruments ADS5474IPFPR Datasheet HTML 10Page - Texas Instruments ADS5474IPFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
N
CLK
D
OVR
[13:0],
N+1
N+5
t
CLKL
t
DRY
t
DATA
t
CLKH
t
a
D[13:0], OVR
CLK
N+2
N+3
N+4
DRY
DRY
(1)
N
N+1
N–1
Sample
N–1
Latency = 3.5 Clock Cycles
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
TIMING INFORMATION
(1)
Polarity of DRY is undetermined. For further information, see the Digital Outputs section.
Figure 1. Timing Diagram
TIMING CHARACTERISTICS
(1)
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 3-VPP differential
clock, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
200
ps
Aperture jitter, rms
Internal jitter of the ADC
103
fs
Latency
3.5
cycles
tCLK
Clock period
2.5
50
ns
tCLKH
Clock pulse duration, high
1
ns
tCLKL
Clock pulse duration, low
1
ns
Zero crossing, 10-pF parasitic loading to GND on each
tDRY
CLK to DRY delay(2)
1000
1400
1800
ps
output pin
Zero crossing, 10-pF parasitic loading to GND on each
tDATA
CLK to DATA/OVR delay(2)
800
1400
2000
ps
output pin
tDATA – tDRY, 10-pF parasitic loading to GND on each output
tSKEW
DATA to DRY skew
–500
0
500
ps
pin
tRISE
DRY/DATA/OVR rise time
10-pF parasitic loading to GND on each output pin
500
ps
tFALL
DRY/DATA/OVR fall time
10-pF parasitic loading to GND on each output pin
500
ps
(1)
Timing parameters are assured by design or characterization, but not production tested.
(2)
DRY, DATA, and OVR are updated on the falling edge of CLK. The latency must be added to tDATA to determine the overall propagation
delay.
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com