Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 9Page - Texas Instruments ADS5474IPFPR Datasheet HTML 10Page - Texas Instruments ADS5474IPFPR Datasheet HTML 11Page - Texas Instruments ADS5474IPFPR Datasheet HTML 12Page - Texas Instruments ADS5474IPFPR Datasheet HTML 13Page - Texas Instruments ADS5474IPFPR Datasheet HTML 14Page - Texas Instruments ADS5474IPFPR Datasheet HTML 15Page - Texas Instruments ADS5474IPFPR Datasheet HTML 16Page - Texas Instruments ADS5474IPFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Frequency
Hz
-
3
0
-3
-6
-9
-12
-15
-18
-21
10M
100M
1G
5G
f =400MSPS
A
= 0.38V
S
IN
PP
±
Code
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
2048
4096
6144
8192
10240 12288 14336 16384
f =400MSPS
S
f
=70MHz
IN
Code
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
2048
4096
6144
8192
10240 12288 14336 16384
f =400MSPS
S
f
=70MHz
IN
OutputCode
25
20
15
10
5
0
f =400MSPS
f
=VCM
S
IN
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude
=
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
NORMALIZED GAIN RESPONSE
vs
INPUT FREQUENCY
DIFFERENTIAL NONLINEARITY
Figure 14.
Figure 15.
INTEGRAL NONLINEARITY
NOISE HISTOGRAM WITH INPUTS SHORTED
Figure 16.
Figure 17.
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com