Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 6Page - Texas Instruments ADS5474IPFPR Datasheet HTML 7Page - Texas Instruments ADS5474IPFPR Datasheet HTML 8Page - Texas Instruments ADS5474IPFPR Datasheet HTML 9Page - Texas Instruments ADS5474IPFPR Datasheet HTML 10Page - Texas Instruments ADS5474IPFPR Datasheet HTML 11Page - Texas Instruments ADS5474IPFPR Datasheet HTML 12Page - Texas Instruments ADS5474IPFPR Datasheet HTML 13Page - Texas Instruments ADS5474IPFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=88.4dBc
SNR=70.3dBFS
SINAD=70.2dBFS
THD=86dBc
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=86.6dBc
SNR=70.1dBFS
SINAD=69.9dBFS
THD=82.9dBc
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=78.5dBc
SNR=70.1dBFS
SINAD=69.5dBFS
THD=77.4dBc
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=79.7dBc
SNR=69.8dBFS
SINAD=69.2dBFS
THD=76.9dBc
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude
=
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 30 MHz INPUT SIGNAL
FFT FOR 70 MHz INPUT SIGNAL
Figure 2.
Figure 3.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 130 MHz INPUT SIGNAL
FFT FOR 230 MHz INPUT SIGNAL
Figure 4.
Figure 5.
10
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com