Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments ADS5474IPFPR Datasheet HTML 28Page - Texas Instruments ADS5474IPFPR Datasheet HTML 29Page - Texas Instruments ADS5474IPFPR Datasheet HTML 30Page - Texas Instruments ADS5474IPFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Thisisanexampleblockdiagram.
Low-JitterClockDistribution
ADC
ADS5474
VCXO
REF
CDC
(ClockDistributionChip)
CDCM7005
800MHz(totransmitDAC)
100MHz(toDSP)
200MHz(toFPGA)
ToOther
BoardMaster
ReferenceClock
(highorlowjitter)
10MHz
400MHz
Low-JitterOscillator
800MHz
BPF
LVCMOS
LVPECL
or
LVCMOS
XFMR
AMP
CLKIN
CLKIN
AMPand/orBPFareOptional
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
Devices, on the Texas Instruments web site. Recommended clock distribution chips (CDCs) are the TI
CDC7005, the CDCM7005 and CDCE72010. Depending on the jitter requirements, a band pass filter (BPF) is
sometimes required between the CDC and the ADC. If the insertion loss of the BPF causes the clock amplitude
to be too low for the ADC, or the clock source amplitude is too low to begin with, an inexpensive amplifier can be
placed between the CDC and the BPF.
Figure 47 represents a scenario where an LVCMOS single-ended clock output is used from a TI CDCM7005 with
the clock signal path optimized for maximum amplitude and minimum jitter. This type of conditioning might
generally be well-suited for use with greater than 150 MHz of input frequency. The jitter of this setup is difficult to
estimate and requires a careful phase noise analysis of the clock path. The BPF (and possibly a low-cost
amplifier because of insertion loss in the BPF) can improve the jitter between the CDC and ADC when the jitter
provided by the CDC is still not adequate. The total jitter at the CDCM7005 output depends largely on the phase
noise of the VCXO selected, as well as the CDCM7005, and typically has 50
–100 fs of rms jitter. If it is
determined that the jitter from the CDCM7005 with a VCXO is sufficient without further conditioning, it is possible
to clock the ADS5474 directly from the CDCM7005 using differential LVPECL outputs, as illustrated in Figure 48
(see the CDCM7005 data sheet for the exact schematic). This scenario may be more suitable for less than 150
MHz of input frequency where jitter is not as critical. A careful analysis of the required jitter is recommended
before determining the proper approach.
Consult the CDCM7005 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 47. Optimum Jitter Clock Circuit
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com