Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 14Page - Texas Instruments ADS5474IPFPR Datasheet HTML 15Page - Texas Instruments ADS5474IPFPR Datasheet HTML 16Page - Texas Instruments ADS5474IPFPR Datasheet HTML 17Page - Texas Instruments ADS5474IPFPR Datasheet HTML 18Page - Texas Instruments ADS5474IPFPR Datasheet HTML 19Page - Texas Instruments ADS5474IPFPR Datasheet HTML 20Page - Texas Instruments ADS5474IPFPR Datasheet HTML 21Page - Texas Instruments ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
SFDR
dBc
-
50
55
60
65
75
80
85
90
10
100
200
70
300
400
500
600
85
85
80
80
80
80
77
77
77
77
77
73
73
73
70
70
70
65
65
65
60
80
85
85
85
85
f
InputFrequency
MHz
IN -
-
400
350
300
250
200
150
100
40
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude
=
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SFDR
vs
INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 30.
APPLICATIONS INFORMATION
Theory of Operation
The ADS5474 is a 14-bit, 400-MSPS, monolithic pipeline ADC. Its bipolar analog core operates from 5-V and
3.3-V supplies, while the output uses a 3.3-V supply to provide LVDS-compatible outputs. The conversion
process is initiated by the rising edge of the external input clock. At that instant, the differential input signal is
captured by the input track-and-hold (T
&H), and the input sample is converted sequentially by a series of lower
resolution stages, with the outputs combined in a digital correction logic block. Both the rising and the falling
clock edges are used to propagate the sample through the pipeline every half clock cycle. This process results in
a data latency of 3.5 clock cycles, after which the output data are available as a 14-bit parallel word, coded in
offset binary format.
Input Configuration
The analog input for the ADS5474 consists of an analog pseudo-differential buffer followed by a bipolar transistor
T
&H. The analog buffer isolates the source driving the input of the ADC from any internal switching and presents
a high impedance that is easy to drive at high input frequencies, compared to an ADC without a buffered input.
The input common-mode is set internally through a 500-
Ω resistor connected from 3.1 V to each of the inputs
(common-mode is ~2.4V on 12- and 13-bit members of this family). This configuration results in a differential
input impedance of 1 k
Ω.
18
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com