Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Instruction(s)
Table Location
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P11 P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
0
1
1
@7
@6
@5
@4
@3
@2
@1
@0
HT82K68E
9
August 8, 2000
Preliminary
Note: *11~*0: Table location bits
@7~@0: Table location bits
P11~P8: Current program counter bits
Stack register - STACK
This is a special part of the memory which is
used to save the contents of the program coun-
ter (PC) only. The stack is organized into six lev-
els and is neither part of the data nor part of the
program space, and is neither readable nor
writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor
writeable. At a subroutine call or interrupt ac-
knowledgement, the contents of the program
counter are pushed onto the stack. At the end of
a subroutine or an interrupt routine, signaled
by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value
from the stack. After a chip reset, the SP will
point to the top of the stack.
If the stack is full and a non-masked interrupt
takes place, the interrupt request flag will be re-
corded but the acknowledgement will be inhib-
ited. When the stack pointer is decremented (by
RET or RETI), the interrupt will be serviced. This
feature prevents stack overflow allowing the pro-
grammer to use the structure more easily. In a
similar case, if the stack is full and a ²CALL² is
subsequently executed, stack overflow occurs and
the first entry will be lost (only the most recent
four return addresses are stored).
Data memory - RAM
The data memory is designed with 184 ´ 8 bits.
It is divided into two functional groups: special
function registers and general purpose data
memory (160´8). Most of them are read/write,
but some are read only.
The special function registers include the Indi-
rect Addressing register 0 (00H), the Memory
Pointer register 0 (MP0;01H), the Indirect Ad-
dressing register 1 (02H), the Memory Pointer
register 1 (MP1;03H), the Accumulator
(ACC;05H), the Program Counter Lower-byte
register (PCL;06H), the Table Pointer
(TBLP;07H), the Table Higher-order byte regis-
ter (TBLH;08H), the Watchdog Timer option Set-
ting register (WDTS;09H), the Status register
I ndi r e c t A ddr e s s i ng R egi s t er 0
MP 0
I ndi r e c t A ddr e s s i ng R egi s t er 1
MP 1
AC C
PC L
TB L P
TB L H
WD T S
ST A T U S
IN T C
TM R
TM R C
PA
PA C
PB
PB C
PC
PC C
PD
PD C
PE
PE C
G ene r a l P u r p os e
DA T A M E M O R Y
( 160 B y t e s )
S pec i a l P u r pos e
DA T A M E M O R Y
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1E H
1F H
FF H
: U nu s ed.
R ead a s ² 00 ²
20H
60H
RAM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com