Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
DECA [m]
Decrement data memory and place result in the accumulator
Description
Data in the specified data memory is decremented by 1, leaving the result in
the accumulator. The contents of the data memory remain unchanged.
Operation
ACC ¬ [m] 1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HALT
Enter power down mode
Description
This instruction stops program execution and turns off the system clock. The
contents of the RAM and registers are retained. The WDT and prescaler are
cleared. The power down bit (PD) is set and the WDT time-out bit (TO) is
cleared.
Operation
PC ¬ PC+1
PD ¬ 1
TO ¬ 0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾¾
01
¾¾¾¾
INC [m]
Increment data memory
Description
Data in the specified data memory is incremented by 1.
Operation
[m] ¬ [m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
INCA [m]
Increment data memory and place result in the accumulator
Description
Data in the specified data memory is incremented by 1, leaving the result in
the accumulator. The contents of the data memory remain unchanged.
Operation
ACC ¬ [m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HT82K68E
28
August 8, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com