Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Application Circuits
HT82K68E
20
August 8, 2000
Preliminary
OS C 1
OS C 2
PA 0
PA 1
PA 2
PA 3
PA 4
PA 5
PA 6
PA 7
PB 0
PB 1
PB 2
PB 3
PB 4
PB 5
PB 6
PB 7
PD 0
PD 1
PD 2
PD 3
PD 4
PD 5
PD 6
PD 7
PC 2
PC 3
PC 4
PC 5
PC 6
PC 7
PE 0
PE 1
V DD
f SY S /4
( N M O S O pen
D r ai n O u t put )
V DD
R C o s c illa t o r f o r m u lt ip le I/O a p p lic a t io n s
OS C 1
OS C 2
V DD
C r ys t a l o s c illa t o r o r c e r a m ic r e s o n a t o r
f o r m u lt ip le I/O a p p lic a t io n s
HT 8 2 K6 8 E
RE S E T
RE S E T
HT 8 2 K6 8 E
Re s e r v e f o r
R e s onat or
VD D
0. 1 m F
10 m F
V DD
F. B .
PE 2
PE 3
PE 4
PC 0
V DD
PC 1
VD D
V DD
F. B .
PE 2
PE 3
PE 4
PC 0
V DD
PC 1
0. 1 m F
10 m F
PA 0
PA 1
PA 2
PA 3
PA 4
PA 5
PA 6
PA 7
PB 0
PB 1
PB 2
PB 3
PB 4
PB 5
PB 6
PB 7
PD 0
PD 1
PD 2
PD 3
PD 4
PD 5
PD 6
PD 7
PC 2
PC 3
PC 4
PC 5
PC 6
PC 7
PE 0
PE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com