Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
SBC A,[m]
Subtract data memory and carry from the accumulator
Description
Thecontentsofthespecifieddatamemoryandthecomplementofthecarryflag
aresubtractedfromtheaccumulator,leaving theresultintheaccumulator.
Operation
ACC ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SBCM A,[m]
Subtract data memory and carry from the accumulator
Description
The contents of the specified data memory and the complement of the carry
flag are subtracted from the accumulator, leaving the result in the data
memory.
Operation
[m] ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SDZ [m]
Skip if decrement data memory is 0
Description
The contents of the specified data memory are decremented by 1. If the result
is 0, the next instruction is skipped. If the result is 0, the following instruc-
tion, fetched during the current instruction execution, is discarded and a
dummy cycle is replaced to get the proper instruction (two cycles). Otherwise
proceed with the next instruction (one cycle).
Operation
Skip if ([m]-1)=0, [m] ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SDZA [m]
Decrement data memory and place result in ACC, skip if 0
Description
The contents of the specified data memory are decremented by 1. If the result
is 0, the next instruction is skipped. The result is stored in the accumulator
but the data memory remains unchanged. If the result is 0, the following in-
struction, fetched during the current instruction execution, is discarded and
a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise
proceed with the next instruction (1 cycle).
Operation
Skip if ([m]-1)=0, ACC ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT82K68E
34
August 8, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com