Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
HT82K68E
15
August 8, 2000
Preliminary
when the reset conditions are met. By examin-
ing the PD and TO flags, the program can dis-
tinguish between different ²chip resets².
TO
PD
RESET Conditions
0
0
RESET reset during power-up
uu
RESET reset during normal
operation
0
1
RESET wake-up HALT
1u
WDT time-out during normal
operation
1
1
WDT wake-up HALT
Note: ²u² means ²unchanged²
To guarantee that the system oscillator has
started and stabilized, the SST (System
Start-up Timer) provides an extra-delay of 1024
system clock pulses when the system powers up
or when it awakes from the HALT state.
When a system power-up occurs, the SST delay
is added during the reset period. But when the
reset comes from the RESET pin, the SST delay
is disabled. Any wake-up from HALT will en-
able the SST delay.
The functional unit chip reset status is shown
below.
PC
000H
Prescaler
Clear
WDT
Clear. After master re-
set, WDT begins count-
ing
Timer counter
Off
Input/output ports Input mode
SP
Points to the top of
the stack
Timer counter
A timer counter (TMR) is implemented in the
HT82K68E. The timer counter contains an
8-bit programmable count-up counter and the
clock may come from the system clock divided
by 4.
Using the internal instruction clock, there is
only one reference time-base.
There are two registers related to the timer
counter; TMR ([0DH]), TMRC ([0EH]). Two
physical registers are mapped to TMR location;
writing TMR makes the starting value be
placed in the timer counter preload register and
reading TMR gets the contents of the timer
counter. The TMRC is a timer counter control
register, which defines some options.
In the timer mode, once the timer counter
starts counting, it will count from the current
contents in the timer counter to FFH. Once
overflow occurs, the counter is reloaded from
the timer counter preload register and gener-
ates the interrupt request flag (TF; bit 5 of
INTC) at the same time.
RE S E T
V DD
Reset circuit
WD T
HA L T
WD T
Ti m e - o u t
Re s e t
RE S E T
Co l d
Re s e t
P o we r - o n De t e c t i o n
SS T
10- s t age
R i ppl e C oun t e r
OS C 1
W a r m R es et
Reset configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com