Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K68 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
HT82K68E
Multimedia Keyboard Encoder OTP
1
August 8, 2000
Features
·
Operating voltage: 2.8V~5.5V
·
34(42-pin)/32(40-pin) bidirectional I/O lines
·
One 8-bit programmable timer counter with
overflow interrupts
·
Crystal or RC oscillator
·
Watchdog Timer
·
3K´16 OTP EPROM
·
160´8 data RAM
·
HALT function and wake-up feature reduce
power consumption
·
Six-level subroutine nesting
·
Bit manipulation instructions
·
16-bit table read instructions
·
63 powerful instructions
·
All instructions in 1 or 2 machine cycles
·
40/42-pin DIP package
General Description
The HT82K68E is an 8-bit high performance
peripheral interface IC, designed for multiple
I/O products and multimedia applications. It
supports interface to a low speed PC with
multimedia keyboard or wireless keyboard in
Windows 95, Windows 98 or Windows 2000 en-
vironment. A HALT feature is included to re-
duce power consumption.
The program and option PROM can be electri-
cally programmed making the HT82K68E suit-
able for use in product development.
Preliminary


Similar Part No. - HT82K68

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
Multimedia Keyboard Encoder 8-Bit Mask MCU
December 26, 2005
HT82K68A HOLTEK-HT82K68A Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
More results

Similar Description - HT82K68

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 22, 2005
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
Multimedia Keyboard Encoder 8-Bit Mask MCU
December 26, 2005
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
Multimedia Keyboard Encoder 8-Bit OTP MCU
July 10, 2007
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 11, 2007
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com