| Electronic Components Datasheet Search |
|
HT82K68 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K68 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc |
|
18 / 40 page ![]() HT82K68E 18 August 8, 2000 Preliminary Each I/O line has its own control register (PAC, PBC, PCC, PDC, PEC) to control the input/out- put configuration. With this control register, CMOS output or schmitt trigger input with or without pull-high resistor (mask option) struc- tures can be reconfigured dynamically (i.e., on-the-fly) under software control. To function as an input, the corresponding latch of the control register must write ²1². The pull-high resistance will exhibit automatically if the pull-high option is selected. The input source(s) also depend(s) on the control register. If the control register bit is ²1², input will read the pad state. If the control register bit is ²0², the contents of the latches will move to the internal bus. The latter is possible in ²read-modify-write² instruction. For output func- tion, CMOS is the only configuration. These con- trol registers are mapped to locations 13H, 15H, 17H, 19H and 1BH. After a chip reset, these input/output lines stay at high levels or floating (mask option). Each bit of these input/output latches can be set or cleared by the SET [m].i or CLR [m].i (m=12H, 14H, 16H, 18H or 1AH) instruction. Some instructions first input data and then fol- low the output operations. For example, the SET [m].i, CLR [m].i, CPL [m] and CPLA [m] instructions read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A and port C [0:3] has the capa- bility to wake-up the device. V DD Q D CK S Q Q D CK S Q M U X V DD Da t a B u s W r i t e C ont r o l R egi s t er C h i p R es et R ead C o n t r o l R e g i s t er Wr i t e I / O R ead I / O S y s t em W ak e- up ( P A & P C 0~ P C 3 onl y ) W eak Pu l l - u p PA 0 ~ P A 7 PB 0 ~ P B 7 R O M C ode O p t i on PC 0 ~ PC 7 PD 0 ~ PD 7 PE 0 ~ P E 4 R O M C ode O p t i on Input/output ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |