Electronic Components Datasheet Search
  English  ▼

X  

HT82K68 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
No.
ROM Code Option
1
OSC type selection. This option is to decide if an RC or Crystal oscillator is chosen as system
clock. If the Crystal oscillator is selected, the XST (Crystal Start-up Timer) default is acti-
vated, otherwise the XST is disabled.
2
WDT source selection. There are three types of selection: on-chip RC oscillator, instruction
clock or disable the WDT.
3
CLRWDT times selection. This option defines the way to clear the WDT by instruction. ²One
time² means that the CLR WDT instruction can clear the WDT. ²Two times² means only if
both of the CLR WDT1 and CLR WDT2 instructions have been executed, only then will the
WDT be cleared.
4
Wake-up selection. This option defines the wake-up function activity. External I/O pins (PA
and PC [0:3] only) all have the capability to wake-up the chip from a HALT.
5
Pull-high selection. This option is to decide whether the pull-high resistance is visible or not
in the input mode of the I/O ports. Each bit of an I/O port can be independently selected.
6
Special power on reset. This option defines the function will reset the chip to prevent incor-
rect status.
If the special power on reset is enabled, the chip must not enter the HALT mode.
HT82K68E
19
August 8, 2000
Preliminary
ROM code option
The following shows six kinds of ROM code option in the HT82K68E. All the ROM code options must
be defined to ensure proper system function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com