Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 37 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 37 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 40Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
652
Supply Bypassing and
Integrator Capacitor
Figure 20 shows the location of
the PLL integrator capacitors,
power supply capacitors and
required grounding for the Tx and
Rx chips.
Integrating Capacitor
The integrating capacitors (C2)
are required by both the Tx and
Rx to function properly. These
caps are used by the PLL for
frequency and phase lock and
directly set the stability and
lockup times. The designed value
of C2 is 0.1
µF, with a tolerance
of
± 10%. The internal charging
currents are scaled with the DIV0
and DIV1 settings such that the
same capacitor value works with
all four frequency bands. Larger
values of C2 improve jitter
performance, but extend the
lockup times.
Power Supply Bypassing and
Grounding
The G-LINK chip set has been
tested to work well with a single
ground plane, assuming that it is
a fairly clean ground plane. Thus,
all of the separate grounds (VCC,
and VCC_TTL) can be connected
onto this plane. The bypassing of
VCC to ground should be
accomplished with a capacitor
(C1) of 0.1
µF.
In some instances, if the VCO of
either the Tx or the Rx are at the
extreme high end, the frequency
of STRBOUT exceeds the maxi-
mum frequency allowed by the
hosts. In this case, it is recom-
mended that a diode clamp, D1,
be used across the integrating cap
C2, such that the upper frequency
HP
HDMP-1022
LOT#
Tx
DATECODE
C2
D1
C1
R1
C1
R1
C1
R1
CAP0B
CAP0A
CAP1A
CAP1B
HP
HDMP-1024
LOT#
Rx
DATECODE
C2
D1
C1
R1
C1
R1
C1
R1
R2
R2
C1 = BYPASS CAPACITOR
C2 = PLL INTEGRATOR CAPACITOR
D1 = OPTIONAL CLAMPING DIODE
0.1 µF
0.1 µF
Figure 20a. HDMP-1022 (Tx) Power Supply Bypass.
Figure 20b. HDMP-1022 (Rx) Power Supply Bypass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com