Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 24 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 24 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 28Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
639
HDMP-1022 (Tx), HDMP-1024 (Rx)
Operating Modes
M20SEL
FLAGSEL
Description
0
0
16 bit data plus error checking
0
1
16 bit data plus FLAG
1
0
20 bit data plus error checking
1
1
20 bit data plus FLAG
HDMP-1022 (Tx), HDMP-1024 (Rx)
Data Frame Structure
M20SEL Not Asserted (16 bit data mode)
Data Status
Flag bit
D-Field
C-Field
True
0
D0 - D15
1101
Inverted
0
D0 - D15
0010
True
1
D0 - D15
1011
Inverted
1
D0 - D15
0100
HDMP-1022 (Tx), HDMP-1024 (Rx)
Data Frame Structure
M20SEL Asserted (20 bit data mode)
Data Status
Flag bit
D-Field
C-Field
True
0
D0 - D19
1101
Inverted
0
D0 - D19
0010
True
1
D0 - D19
1011
Inverted
1
D0 - D19
0100
Control Frame Codes
There are 218 control words
provided in 20 bit mode. If the
user desires to send a control
word, his lower 9 bits (D0-D8)
are sent as bits D0-D8 of the D-
Field. The user’s next 9 bits (D9-
D17
) are sent as bits D11-D19 of
the D-Field. The control frame is
either inverted or not inverted as
needed to maintain balance, with
the coding bits 0011 used to
indicate true control, and the bits
1100 used to indicate complement
control. The bits d9 and d10 are
always forced to 0 1 for true
control frames and 1 0 for
complement control frames.
These middle bits are used to
distinguish control frames from
fill frames, which always have the
middle bits set to either 00, 11, or
10. Similarly, there are 214
control words provided in 16 bit
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com